Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESD-R-15C

  • AI
    ## Overview of the ESD-R-15C The **ESD-R-15C** is a high-performance **EMI Core** (Toroidal Ferrite Core) manufactured by KEMET. It is designed specifically for noise suppression in electronic circuits, particularly to prevent Electromagnetic Interference (EMI) and provide high-frequency filtering. --- ### 1. Key Technical Specifications The core is made of **Manganese Zinc (MnZn)** or **Nickel Zinc (NiZn)** materials (depending on the specific series variant, typically NiZn for the "R" series) to handle different frequency ranges. | Feature | Specification | | :--- | :--- | | **Material** | NiZn (Nickel-Zinc) | | **Shape** | Round / Toroidal | | **Outer Diameter (OD)** | 15.0 mm | | **Inner Diameter (ID)** | 10.0 mm | | **Thickness (H)** | 13.0 mm | | **Type** | Solid Core | | **Frequency Range** | High frequency (FM band to MHz range) | --- ### 2. Functional Purpose The ESD-R-15C acts as a passive low-pass filter when a cable or wire is passed through it. * **Common Mode Choke:** It suppresses noise that is common to both the positive and negative lines of a circuit. * **Inductive Reactance:** It provides high impedance at high frequencies, converting noise energy into a small amount of heat, while allowing low-frequency signals to pass through unaffected. * **ESD Protection:** While primarily an EMI core, it helps stabilize lines against Electrostatic Discharge (ESD) transients that contain high-frequency components. --- ### 3. Application Use Cases This component is widely used in both consumer and industrial electronics to ensure compliance with EMC (Electromagnetic Compatibility) standards. * **Internal Wiring:** Used inside devices like televisions, PCs, and printers to prevent internal noise from escaping. * **Power Supplies:** Placed on DC output cables to smooth out switching noise. * **Data Lines:** Applied to signal cables to prevent data corruption from external radio frequency interference. * **Audio Equipment:** To eliminate "hiss" or high-frequency interference in sound systems. --- ### 4. Installation Guidelines To maximize the effectiveness of the ESD-R-15C, follow these implementation rules: 1. **Proximity:** Place the core as close to the noise source or the entry point of the device as possible. 2. **Turns:** Increasing the number of turns (looping the wire through the core multiple times) increases the impedance. * *Formula:* $Impedance \propto (\text{Number of turns})^2$ 3. **Cable Fit:** Ensure the wire fits snugly within the 10mm inner diameter to minimize leakage flux. ---
    ✨ Follow-up Questions
    • ⤷How does the impedance of the ESD-R-15C change when increasing the number of wire turns?
    • ⤷ What is the difference between MnZn and NiZn ferrite materials in EMI suppression?
    • ⤷ Can the ESD-R-15C be used for high-voltage power lines?