Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESD-R-17S

  • AI
    The **ESD-R-17S** is a specialized electronic component categorized as an **EMI Core** or **Ferrite Core**. It is primarily used for noise suppression in electronic circuits, specifically designed to mitigate Electromagnetic Interference (EMI). --- ### 1. Technical Specifications The ESD-R series, manufactured by KEMET, features a "Toroidal" (ring-shaped) design using Manganese-Zinc (MnZn) or Nickel-Zinc (NiZn) materials. | Feature | Specification | | :--- | :--- | | **Material** | MnZn (Manganese-Zinc) | | **Shape** | Round / Toroidal Core | | **Inner Diameter (ID)** | ~17.0 mm | | **Outer Diameter (OD)** | ~25.0 mm | | **Thickness (H)** | ~12.0 mm | | **Primary Function** | High-frequency noise absorption | | **Operating Temp** | -25°C to +85°C | --- ### 2. How it Works The ESD-R-17S acts as a **low-pass filter**. - **Inductance:** When a wire is passed through the center of the ring, the ferrite material increases the inductance of the wire. - **Impedance:** It creates high impedance against high-frequency noise while allowing the desired low-frequency signals (or DC power) to pass through unaffected. - **Energy Conversion:** It absorbs electromagnetic interference and dissipates it as a negligible amount of heat. --- ### 3. Key Applications This component is widely used in both consumer and industrial electronics to ensure compliance with EMC (Electromagnetic Compatibility) standards. * **Power Cables:** Suppressing noise from switching power supplies. * **Data Lines:** Preventing signal integrity issues in communication cables. * **Industrial Equipment:** Protecting sensitive sensors from motor-generated noise. * **Home Appliances:** Reducing interference in audio/visual equipment. --- ### 4. Installation Methods The effectiveness of the ESD-R-17S depends on how the wire is routed: 1. **Single Pass:** The cable goes straight through the hole. 2. **Multiple Turns:** Winding the cable around the core multiple times. This exponentially increases the impedance, making it more effective at lower frequencies. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between MnZn and NiZn ferrite materials?
    • ⤷ How do I calculate the required number of turns for noise suppression?
    • ⤷ Does the ESD-R-17S provide protection against ESD (Electrostatic Discharge) spikes?