Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESD-R-38D

  • AI
    The **ESD-R-38D** belongs to a category of passive electronic components known as **EMI (Electromagnetic Interference) Cores** or **Ferrite Toroidal Cores**. It is manufactured by KEMET and is specifically designed to suppress high-frequency noise in electrical systems. --- ## 1. Technical Specifications The "38D" in the part number typically refers to the outer diameter or a specific dimensional series. Below are the standard technical characteristics for this component: | Characteristic | Specification | | :--- | :--- | | **Component Type** | Round Ferrite Core (Toroidal) | | **Material** | Manganese Zinc (MnZn) or Nickel Zinc (NiZn) | | **Outer Diameter (OD)** | Approx. 38.0 mm | | **Primary Function** | EMI / RFI Suppression | | **Shape** | Toroid (Ring) | | **Color** | Usually Grey or Black (Bare or Coated) | --- ## 2. Operating Principle The ESD-R-38D works based on the principle of **magnetic induction**. When a cable or wire is passed through the center of the ring: 1. **Impedance Creation:** The ferrite material provides high impedance to high-frequency signals. 2. **Energy Conversion:** High-frequency noise (EMI) is absorbed by the core and dissipated as a negligible amount of heat. 3. **Signal Integrity:** Low-frequency signals (like power or data) pass through unaffected, while "noise" is filtered out. --- ## 3. Key Applications This specific core size is commonly found in industrial and consumer electronics where cable noise is a concern: * **Power Cables:** Used to prevent "noise" from the power grid entering a sensitive device. * **Data Lines:** Wrapped around ribbon cables or bundles to prevent signal corruption. * **Industrial Inverters:** Suppressing high-frequency switching noise generated by motor drives. * **Medical Equipment:** Ensuring high levels of electromagnetic compatibility (EMC) in sensitive environments. --- ## 4. Implementation Example To use the ESD-R-38D, an engineer typically follows these steps: ```markdown 1. Select the wire bundle or cable causing EMI. 2. Thread the cable through the center of the ESD-R-38D. 3. For increased effectiveness, loop the wire through the core a second time (2 turns). 4. Secure the core using a cable tie or heat-shrink tubing if necessary. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between MnZn and NiZn ferrite materials?
    • ⤷ How does the number of wire turns affect the impedance of the ESD-R-38D?
    • ⤷ Is the ESD-R-38D suitable for high-temperature environments?