Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESD-R-613325XH-R1

  • AI
    ## Analysis of the ESD-R-613325XH-R1 (KEMET EMI Core) The **ESD-R-613325XH-R1** is a high-performance toroidal EMI core manufactured by **KEMET**. It belongs to the ESD-R series, specifically designed for electromagnetic interference (EMI) suppression in round cables. ### 1. Key Technical Specifications The model number encodes specific physical and material characteristics: | Parameter | Specification | |:---|:---| | **Category** | EMI / RFI Suppression Components | | **Shape** | Round / Toroidal Core | | **Material** | Mn-Zn (Manganese-Zinc) | | **Inner Diameter (ID)** | ~32.5 mm | | **Outer Diameter (OD)** | ~61.0 mm | | **Height (H)** | ~33.0 mm | | **Coating** | Epoxy / Phenolic Coating (High Temperature Resistance) | | **Operating Temperature** | -25°C to +120°C | --- ### 2. Electronic Functionality The ESD-R-613325XH-R1 acts as a **low-pass filter**. It is designed to be placed around a cable to provide high impedance against high-frequency noise while allowing the desired low-frequency signal or power to pass through unaffected. * **Common Mode Choke:** When a cable is looped through the core, it acts as a common-mode choke, cancelling out electromagnetic noise that travels in the same direction on all conductors. * **Impedance Characteristics:** The Mn-Zn material used in this specific model is optimized for **low-frequency range** noise suppression (typically in the kHz to low MHz range). * **Saturation Resistance:** This core is designed to maintain its inductive properties even when subject to significant current levels, preventing the magnetic material from "saturating." --- ### 3. Applications and Use Cases Due to its large size and high-frequency suppression capabilities, it is commonly found in industrial and heavy-duty electronics: 1. **Industrial Motors:** Suppressing noise generated by Inverters and Variable Frequency Drives (VFDs). 2. **Power Supplies:** Used in large-scale Switching Mode Power Supplies (SMPS) to meet EMC compliance. 3. **Consumer Electronics:** Filtering large power cables for audio/visual equipment to prevent interference. 4. **Automotive:** Filtering high-voltage lines in Electric Vehicle (EV) charging systems. --- ### 4. Installation Best Practices To maximize the effectiveness of the ESD-R-613325XH-R1: * **Multiple Turns:** If space permits, looping the cable through the core multiple times ($N$ turns) increases the impedance by a factor of $N^2$. * **Placement:** Place the core as close to the noise source as possible (e.g., at the exit point of a power supply). * **Cable Fit:** Ensure the inner diameter is appropriate for the cable thickness to avoid excessive mechanical stress.
    ✨ Follow-up Questions
    • ⤷ What is the frequency range difference between Mn-Zn and Ni-Zn ferrite materials?
    • ⤷ How does increasing the number of cable turns through the core affect EMI suppression?
    • ⤷ Are there specific mounting brackets available for the ESD-R-613325XH-R1?