Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESD1811CDN

  • AI
    ## ESD1811CDN: High-Performance ESD Protection Diode The **ESD1811CDN** is a bidirectional Transient Voltage Suppressor (TVS) diode designed specifically to protect sensitive high-speed data lines from Electrostatic Discharge (ESD). It is commonly used in modern consumer electronics like smartphones, tablets, and laptops. --- ### 1. Key Technical Specifications Below are the typical electrical characteristics for the ESD1811CDN: | Parameter | Symbol | Typical Value | Unit | |:---|:---:|:---:|:---:| | **Reverse Stand-off Voltage** | $V_{RWM}$ | 18 | V | | **Breakdown Voltage** | $V_{BR}$ | 19.5 - 23 | V | | **Parasitic Capacitance** | $C_J$ | 0.35 | pF | | **Clamping Voltage** (at 16A TLP) | $V_{CL}$ | 12 - 15 | V | | **Dynamic Resistance** | $R_{DYN}$ | 0.35 | $\Omega$ | | **ESD Contact Discharge** | $V_{ESD}$ | ±15 | kV | --- ### 2. Major Features * **Ultra-Low Capacitance:** With a capacitance typically around **0.35pF**, it ensures minimal signal distortion, making it ideal for high-speed interfaces. * **Bidirectional Protection:** It protects the line from both positive and negative ESD strikes, which is essential for pins that may see alternating signals. * **Low Clamping Voltage:** It "clamps" the voltage spike to a level low enough to prevent damage to the downstream Integrated Circuits (ICs). * **Compact Footprint:** Usually housed in ultra-small packages (like DFN0603 or SOD-962) to save PCB real estate. --- ### 3. Common Applications Due to its low capacitance and high voltage rating, it is frequently found in: 1. **Antenna Protection:** NFC, Wi-Fi, and LTE antenna lines where high signal integrity is required. 2. **Audio Jacks:** Protecting microphone and earphone lines. 3. **High-Speed Interfaces:** USB 2.0/3.0/3.1, HDMI, and DisplayPort. 4. **Sensors:** Protection for touch sensors and proximity sensors. --- ### 4. Typical Circuit Integration In a standard design, the ESD1811CDN is placed as close as possible to the connector (the source of the ESD) and connected between the data line and Ground (GND). ```mermaid graph LR A[Connector/Pin] --- B(ESD1811CDN) B --- C[Ground] A --- D[Sensitive IC/SoC] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between unidirectional and bidirectional TVS diodes?
    • ⤷ How does parasitic capacitance affect high-speed data signals?
    • ⤷ What are the advantages of the DFN0603 package for ESD protection?