Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESR-60AD-H-R

  • AI
    ## Analysis of the ESR-60AD-H-R Solid State Relay The **ESR-60AD-H-R** is a high-power industrial **Solid State Relay (SSR)**. These devices are used to control high-current AC loads using a low-voltage DC input signal, functioning similarly to a mechanical relay but without moving parts. ### 1. Part Number Breakdown Understanding the nomenclature helps define its specific electronic capabilities: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **ESR** | Series Type | Electronic Solid State Relay | | **60** | Current Rating | 60 Amperes | | **AD** | Control/Load Type | **A**: AC Output / **D**: DC Input Control | | **H** | Voltage Range | High Voltage (typically up to 480V AC or 660V AC) | | **R** | Switching Mode | **Random Turn-on** (Phase Control) | --- ### 2. Key Technical Specifications Based on the standard parameters for this model: * **Load Current:** Max 60A (requires a significant heat sink). * **Control Voltage (Input):** 4-32V DC. * **Load Voltage (Output):** 90-480V AC (Standard "H" rating). * **Switching Type:** **Random Turn-on**. Unlike "Zero-Cross" relays, this unit turns on immediately when the input signal is applied. This is essential for applications requiring phase-angle control or inductive loads. * **Isolation:** Opto-isolation between input and output circuits (typically >2500V). --- ### 3. Internal Components & Operation The ESR-60AD-H-R consists of several internal electronic stages: 1. **Input Circuit (Opto-coupler):** Contains an LED and a photosensitive component. This provides electrical isolation, protecting the low-voltage controller (like a PLC or Arduino) from the high-voltage AC side. 2. **Trigger Circuit:** Processes the signal from the opto-coupler. Since this is an "**R**" (Random) model, it triggers the output immediately regardless of where the AC sine wave is. 3. **Output Switching Device (TRIAC or Back-to-back SCRs):** High-power semiconductors that handle the 60A current. For a 60A rating, it likely utilizes two SCRs (Silicon Controlled Rectifiers) in an anti-parallel configuration for better heat dissipation and durability. 4. **Snubber Circuit:** An internal RC (Resistor-Capacitor) network used to protect the SCRs from voltage spikes ($dv/dt$) caused by inductive loads. --- ### 4. Implementation Requirements Because this is a 60A device, thermal management is the most critical electronic consideration: * **Heat Dissipation:** At full load, the device generates significant heat (approx. 1.2 to 1.5 Watts per Ampere). A high-quality **Heat Sink** and **Thermal Paste** are mandatory. * **Protection:** It is recommended to use a **Fast-Acting Fuse** (semiconductor fuse) to protect the internal SCRs from short circuits, as standard circuit breakers are too slow to prevent semiconductor failure. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Random Turn-on and Zero-Cross switching for this SSR?
    • ⤷ How do I calculate the heat sink size required for a 60A load?
    • ⤷ Can this SSR be used to control the speed of an AC motor?