Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESS-15-SF

  • AI
    The **ESS-15-SF** is a specific model of a **Suction Cup (Vacuum Pad)** assembly typically manufactured by **Festo**. While it is a mechanical component used in pneumatic automation, it plays a critical role in the hardware interface of electronic pick-and-place systems. Below is a detailed breakdown of its specifications and electronic integration. --- ### 1. Technical Specifications The part number "ESS-15-SF" follows a specific nomenclature: * **ESS**: Festo Series for Suction Cups. * **15**: Diameter of the suction pad (15mm). * **SF**: Shape/Material code (Soft/Flat design). | Feature | Specification | | :--- | :--- | | **Suction Cup Diameter** | 15 mm | | **Connection Type** | M5 Thread / Plug-in (depends on holder) | | **Material** | Usually NBR (Nitrile Rubber) or Silicone | | **Operating Medium** | Atmospheric air | | **Temperature Range** | -10°C to +70°C (Standard NBR) | | **Holding Force** | ~8.5 N to 10 N (at -0.7 bar vacuum) | --- ### 2. Electronic Integration (System Level) The ESS-15-SF does not contain electronic circuits itself, but it is the "end effector" for an electronic control system. To function, it must be paired with the following electronic parts: #### A. Vacuum Solenoid Valves Electronic controllers (PLCs or Microcontrollers) send a 24V DC signal to a solenoid valve to open or close the vacuum line, effectively "turning on" the suction cup. #### B. Vacuum Sensors/Switches To provide feedback to the electronic system, a **Vacuum Sensor** (like the Festo SDE5 or SPAE) is placed in the line. * **Function:** It detects if a vacuum has been successfully established. * **Output:** Sends a digital signal (PNP/NPN) to the PLC to confirm the part has been picked up. #### C. Vacuum Generators (Ejectors) Electronic-pneumatic vacuum generators (e.g., Festo OVEM) use a venturi effect to create suction. These often feature integrated electronics for: * Power-save modes. * LCD displays for pressure monitoring. * IO-Link communication. --- ### 3. Use Cases in Electronics Manufacturing The ESS-15-SF is frequently used in the assembly of electronic devices: 1. **PCB Handling:** Picking up bare printed circuit boards. 2. **Screen Placement:** Handling smartphone or tablet glass displays. 3. **Battery Assembly:** Moving lithium-ion cells into casings. --- ### 4. Comparison of Materials | Material Type | Color | Best For | Electronic Consideration | | :--- | :--- | :--- | :--- | | **NBR (Nitrile)** | Black | General use, oily parts | Durable, standard | | **Silicone** | Transparent/White | High temperature | Food-grade/Cleanroom | | **Antistatic** | Black/Striped | Electronic Components | **ESD Protection** (prevents static damage) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between the SF (Flat) and B (Bellows) variants for this model?
    • ⤷ How do I calculate the vacuum pressure needed for a specific weight using the ESS-15-SF?
    • ⤷ Is there an ESD-safe version of the ESS-15-SF for handling sensitive microchips?