Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESS-15-SS

  • AI
    Based on your query, the **ESS-15-SS** typically refers to a high-quality **Suction Cup (Vacuum Pad)** assembly manufactured by **Festo**. While this is primarily a pneumatic component, its "electronic" relevance comes from how it interfaces with vacuum sensors and solenoid valves within an automated system. --- ## 1. Technical Specifications The ESS-15-SS is a suction cup with a specific diameter and material composition designed for industrial pick-and-place tasks. | Feature | Specification | | :--- | :--- | | **Series** | ESS | | **Size (Diameter)** | 15 mm | | **Suction Cup Shape** | Round, bellows or flat (depending on specific sub-variant) | | **Material (SS)** | Silicone (VMQ) - high temperature and food grade | | **Connection Type** | M5 or G1/8 Threaded connection | | **Operating Medium** | Atmospheric air | --- ## 2. Electronic Interaction in a System Although the cup itself is a mechanical silicone part, it requires an electronic control loop to function. The "electronic parts" associated with the ESS-15-SS in a machine include: ### A. Vacuum Generators (Ejectors) To make the ESS-15-SS work, an electronic vacuum generator (like the Festo **OVEM** or **VN** series) is used. * **Role:** Converts compressed air into a vacuum. * **Electronic Control:** Triggered by a 24V DC signal from a PLC (Programmable Logic Controller). ### B. Vacuum Sensors/Switches To ensure the part has been successfully picked up by the ESS-15-SS, an electronic sensor is required. * **Component:** Digital pressure sensors (e.g., **SDE5** or **SPAQ**). * **Function:** Sends a feedback signal to the controller once the vacuum level reaches a specific threshold (e.g., -0.7 bar), confirming "Part Present." ### C. Solenoid Control Valves * **Role:** These are the electronic "gates" that turn the air supply on or off. * **Operation:** Uses an electromagnetic coil to move a spool, allowing air to flow to the vacuum generator. --- ## 3. Application Use-Case | Stage | Component Involved | Electronic Action | | :--- | :--- | :--- | | **1. Command** | PLC / Controller | Sends 24V signal to Solenoid. | | **2. Generation** | Vacuum Ejector | Solenoid opens; Venturi effect creates suction. | | **3. Contact** | **ESS-15-SS** | Seals against the workpiece surface. | | **4. Verification** | Vacuum Sensor | Measures pressure drop; sends "Success" signal to PLC. | --- ### Key Advantages of the "SS" (Silicone) Material * **Thermal Resistance:** Can handle hot electronic components during PCB assembly. * **Non-Marking:** Does not leave chemical residues on sensitive electronic screens or housings. * **Flexibility:** Adapts to slightly curved surfaces common in consumer electronics.
    ✨ Follow-up Questions
    • ⤷ What are the compatible mounting brackets for the ESS-15-SS?
    • ⤷ How do I choose between the Nitrile (NBR) and Silicone (SS) versions for electronics?
    • ⤷ What is the maximum lifting force of a 15mm suction cup at -0.7 bar?