Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESS-2-SF

  • AI
    The **ESS-2-SF** is an electronic component manufactured by **Mini-Circuits**. It is a high-performance **2-way 0° power splitter/combiner** designed primarily for surface-mount applications. --- ### 1. Key Technical Specifications The ESS-2-SF is engineered for radio frequency (RF) signal distribution. Below are its primary electrical characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Frequency Range** | 2 MHz to 1000 MHz | | **Insertion Loss** | 0.5 dB (above 3 dB theoretical) | | **Isolation** | 25 dB | | **Phase Unbalance** | 1.0 Degree | | **Amplitude Unbalance** | 0.15 dB | | **Impedance** | 50 Ohms | | **Max Power Input** | 1 Watt (as a splitter) | --- ### 2. Core Electronic Functions The device serves two main purposes depending on the direction of signal flow: 1. **Power Splitter:** It takes a single input signal and divides it into two equal-phase, equal-amplitude output signals. 2. **Power Combiner:** It takes two coherent signals and sums them into a single output. ### 3. Physical & Internal Construction * **Package Style:** It utilizes a miniature, low-profile surface-mount case (often the **TFFF71** or similar footprint). * **Internal Circuitry:** It is based on a **lumped-element transformer** design. It typically includes a center-tapped transformer and a balancing resistor to ensure high isolation between the two output ports. * **Termination:** All ports are matched to 50 Ohms, minimizing signal reflections (VSWR). ### 4. Common Applications The ESS-2-SF is widely used in high-reliability communication systems: * **Cellular Infrastructure:** Dividing signals for antenna arrays. * **VHF/UHF Receivers:** Splitting an incoming antenna signal to two different receiver stages. * **Signal Monitoring:** Tapping off a portion of a signal for testing without significantly degrading the primary path. * **Instrumentation:** Used in signal generators and laboratory RF equipment. --- ### 5. Implementation Example When integrating this part into a PCB layout, the pin configuration is crucial for maintaining 50-ohm impedance: ```markdown Pin Configuration (Standard): - Pin 1: Sum Port (Input/Output) - Pin 2: Ground - Pin 5: Output 1 - Pin 6: Output 2 - Pins 3, 4: Ground (Internal/External) ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 0° phase shift in this component?
    • ⤷ How does 'Isolation' affect the performance of the ESS-2-SF in a circuit?
    • ⤷ Can this component be used for frequencies above 1000 MHz?