Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESS-2-SN

  • AI
    The **ESS-2-SN** is a high-performance, two-channel electronic sequence switch (sequencer) primarily used in RC (Radio Controlled) aviation for managing retractable landing gear and gear doors. Below is a detailed breakdown of its electronic components, specifications, and functional logic. --- ### 1. Technical Specifications The device acts as an intermediary between the RC receiver and the servos, managing the timing logic that prevents mechanical interference between doors and gear. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 4.8V – 6.0V (Standard RC Power) | | **Channels** | 2 Output Channels (Gear & Doors) | | **Signal Input** | PWM (Pulse Width Modulation) | | **Current Draw** | Low standby consumption (< 10mA) | | **Safety Feature** | Overload protection for micro-servos | --- ### 2. Core Electronic Components #### A. Microcontroller Unit (MCU) The heart of the ESS-2-SN is a small integrated circuit (IC) programmed with a specific logic loop. It monitors the PWM signal from the receiver's gear channel and determines the sequence of the two outputs. #### B. Signal Processing * **Optocoupler/Buffer:** Many variants include signal buffering to ensure that electrical noise from high-torque servos does not interfere with the receiver's stability. * **Pulse Width Translation:** It converts a single binary input (Gear Up/Down) into two distinct time-delayed PWM outputs. #### C. Power Rail The board utilizes a shared positive (+) and negative (-) rail for the servos. This allows the high current required by the servos to pass through the device without damaging the logic controller, provided the input power source (BEC/Battery) is sufficient. --- ### 3. Functional Logic (The "Sequence") The electronic programming follows a specific "Mode 1" or "Mode 2" sequence to protect the aircraft structure: | Action | Sequence Step 1 | Sequence Step 2 | | :--- | :--- | :--- | | **Gear Down** | Doors Open | Gear Deploys | | **Gear Up** | Gear Retracts | Doors Close | **Electronic Timing:** There is typically a **0.5 to 1.5 second delay** programmed into the MCU between the two steps to ensure the mechanical parts have cleared their travel path. --- ### 4. Wiring Interface The unit uses standard 3-pin headers (Ground, Voltage, Signal): ```yaml Input: - Rx Channel (Connected to Receiver Gear Switch) Outputs: - Channel A: Gear Door Servos (via Y-harness) - Channel B: Retract Unit (Pneumatic valve or Electric retract) ``` --- ### 5. Troubleshooting Electronic Issues * **Jittering:** Often caused by a shared power supply that is under-voltage. Ensure the battery can handle the simultaneous draw of multiple servos. * **No Response:** Check the input signal polarity. The ESS-2-SN is sensitive to the "signal" wire orientation (usually white or orange). * **Reversed Logic:** If the doors close while the gear is down, the servo reversing must be done on the sequencer's output or via a physical linkage change, not the transmitter. ---
    ✨ Follow-up Questions
    • ⤷ How do I adjust the delay timing on the ESS-2-SN?
    • ⤷Can this sequencer handle high-voltage (7.4V) servos?
    • ⤷What is the difference between the ESS-2-SN and the ESS-4-SN models?