Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESS-30-SS

  • AI
    The **ESS-30-SS** typically refers to a high-quality **Suction Cup (Vacuum Pad)** assembly manufactured by companies like **Festo**. While the part itself is primarily mechanical/pneumatic, it is a critical component in mechatronic systems where electronics control the vacuum flow. Below is an explanation of the components and the electronic integration involved with this part. --- ### 1. Technical Specifications The "SS" designation usually refers to the material (Silicone) and the "30" refers to the diameter in millimeters. | Feature | Specification | | :--- | :--- | | **Part Name** | ESS-30-SS | | **Suction Cup Diameter** | 30 mm | | **Material** | VMQ (Silicone Rubber) | | **Connection Type** | Internal/External Threaded Plug | | **Operating Temperature** | -30°C to 200°C (approx.) | | **Hardness** | 50 +/- 5 Shore A | --- ### 2. Electronic Control Interface The ESS-30-SS does not contain internal electronics; however, it functions as the "end effector" in an electronic control loop. To operate it, the following electronic parts are required: #### A. Vacuum Solenoid Valve This is the primary electronic component. It receives a **24V DC** or **110V AC** signal from a PLC (Programmable Logic Controller) to open or close the air path. * **Function:** Switches the vacuum on (to pick up a part) or off (to release it). #### B. Vacuum Sensors/Switches To ensure the ESS-30-SS has successfully gripped an object, an electronic vacuum sensor is installed in the line. * **Output:** Sends a digital signal (PNP/NPN) to the controller. * **Logic:** If the vacuum level reaches a certain threshold (e.g., -0.6 bar), the electronics confirm "Part Picked." #### C. Proportional Pressure Regulators In advanced applications, electronics are used to vary the "strength" of the suction for delicate components. * **Signal:** 0-10V or 4-20mA analog signals. --- ### 3. System Architecture Diagram ```mermaid graph LR A[PLC/Controller] -- Electrical Signal --> B[Solenoid Valve] B -- Pneumatic Line --> C[Vacuum Generator/Ejector] C -- Suction --> D[ESS-30-SS Suction Cup] D -- Vacuum Feedback --> E[Vacuum Sensor] E -- Digital Signal --> A ``` --- ### 4. Application Environments Because the **SS (Silicone)** variant is heat-resistant and food-safe, it is commonly paired with: 1. **Pick-and-Place Robots:** Controlled by servo motors and electronic controllers. 2. **Packaging Machinery:** Where high-speed electronic timing is essential. 3. **Semiconductor Handling:** Where ESD (Electrostatic Discharge) safety might be a factor (though standard silicone is an insulator).
    ✨ Follow-up Questions
    • ⤷ What is the maximum load capacity for the ESS-30-SS?
    • ⤷ How do I connect a vacuum sensor to a PLC for this suction cup?
    • ⤷ What are the advantages of silicone over nitrile rubber in vacuum applications?