Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESS-50-SS

  • AI
    The **ESS-50-SS** typically refers to a high-performance **Suction Cup / Vacuum Pad** assembly, often manufactured by companies like **SMC**. While the component itself is primarily mechanical/pneumatic, it is a critical interface in electronic automated assembly lines (Pick-and-Place systems). --- ### 1. Component Specifications The model code "ESS-50-SS" breaks down into specific technical parameters: | Component Code | Description | Specification | | :--- | :--- | :--- | | **ESS** | Series Name | SMC Standard Vacuum Pad | | **50** | Pad Diameter | 50 mm | | **SS** | Pad Material | Silicone Rubber | --- ### 2. Electronic Integration & Control Although the pad is silicone, it functions within an electronic control loop. To operate an ESS-50-SS, the following electronic parts are required: #### A. Vacuum Pressure Sensors To ensure the part has been gripped, electronic pressure switches (like the **SMC ZSE30A**) are used. * **Function:** Converts pneumatic pressure into a digital (PNP/NPN) or analog (4-20mA) signal for the PLC. * **Logic:** If vacuum pressure < setpoint, the system triggers an error (part dropped). #### B. Solenoid Control Valves Electronic signals from a microcontroller or PLC drive the vacuum flow. * **Part Type:** 3-port or 4-port solenoid valves (e.g., **SMC SY series**). * **Operation:** 24V DC pulse opens the valve to create suction; another pulse activates the "vacuum break" to release the part. #### C. Vacuum Ejectors (Generators) If the system does not have a centralized vacuum pump, an electronic vacuum ejector is used. * **Electronic feature:** Often includes integrated energy-saving functions that cut off air consumption once the desired vacuum level is reached. --- ### 3. Application in Electronics Manufacturing The **SS (Silicone)** designation is particularly important for electronics: * **Heat Resistance:** Can handle components coming off a reflow oven (up to 200°C). * **Static Dissipation:** In some variants, the silicone is doped with carbon to make it **Conductive (ESD-safe)** to prevent static discharge from damaging sensitive PCB components (ICs, MOSFETs). * **Non-marking:** Ensures no chemical residue is left on the glass or sensitive substrates of electronic displays. --- ### 4. Technical Summary Table | Feature | Detail | | :--- | :--- | | **Operating Voltage** | Typically 24V DC (for associated Solenoids) | | **Interface** | Male/Female thread for mounting to Robot Arm | | **Environment** | Cleanroom compatible | | **Main Material** | Silicone (Weather and Heat resistant) |
    ✨ Follow-up Questions
    • ⤷ What are the ESD-safe alternatives to the SS (Silicone) material for this pad?
    • ⤷ How do you calibrate a vacuum pressure sensor for use with the ESS-50-SS?
    • ⤷ Can the ESS-50-SS be used in high-speed pick-and-place robotics?