Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESS21S2

  • AI
    The **ESS21S2** is a specific model of an **Integrated Hybrid Stepper Motor Drive**, commonly manufactured by companies like Leadshine or similar industrial automation brands. It combines a stepper motor with an integrated encoder and a digital drive into a single unit. --- ### 1. Core Electronic Components The ESS21S2 is composed of three primary electronic subsystems integrated into one housing: | Component | Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | 32-bit DSP (Digital Signal Processor) | Handles complex motion control algorithms and real-time processing. | | **Power Stage** | MOSFET Bridge | Converts DC input into high-frequency pulses to drive the motor phases. | | **Encoder** | 1000-line (4000 PPR) Optical/Magnetic | Provides real-time position feedback to eliminate "loss of steps." | --- ### 2. Key Technical Specifications The electronics are designed to operate within the following parameters: * **Input Voltage:** Typically 24 - 48 VDC. * **Output Current:** Peak 7.0A (variable based on load). * **Pulse Input Frequency:** Up to 200kHz (supports standard Pulse/Direction signals). * **Communication:** Usually features an RS232 port for configuration via software. --- ### 3. Integrated Features & Circuitry The internal PCB (Printed Circuit Board) includes several protection and logic circuits: #### A. Closed-Loop Logic Unlike traditional "open-loop" steppers, the ESS21S2 electronics constantly compare the target position with the actual position reported by the encoder. If a deviation occurs, the drive immediately compensates. #### B. Protection Circuits The electronic drive includes built-in safeguards to prevent hardware failure: * **Over-current protection** * **Over-voltage protection** * **Position following error alarm** #### C. Connector Pinout (Standard Interface) | Pin Type | Signal | Purpose | | :--- | :--- | :--- | | **Logic** | PUL+ / PUL- | Pulse signal input for speed/distance. | | **Logic** | DIR+ / DIR- | Direction signal input. | | **Output** | ALM+ / ALM- | Fault/Alarm output signal for PLC monitoring. | | **Power** | VDC / GND | Main DC power supply input. | --- ### 4. Advantages of this Electronic Design 1. **Reduced Wiring:** Since the drive is mounted on the motor, only power and signal wires are needed, reducing EMI (Electromagnetic Interference). 2. **Heat Management:** The aluminum motor housing acts as a heatsink for the power MOSFETs. 3. **Variable Current Control:** The electronics adjust the current based on the actual load, which prevents the motor from getting excessively hot during idle periods.
    ✨ Follow-up Questions
    • ⤷ How do you configure the microstep settings on the ESS21S2?
    • ⤷ What is the maximum torque output for this specific motor series?
    • ⤷ Can the ESS21S2 be used with a 110V AC power supply?