Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESS30

  • AI
    The **ESS30** typically refers to a high-performance **Electronic Speed Switch** (often manufactured by companies like Dynalco) used to monitor rotational speed and trigger relays based on specific RPM thresholds. It is essential for protecting industrial engines, turbines, and motors. --- ## 1. Core Electronic Components The ESS30 is built using industrial-grade semiconductors designed to withstand harsh environments. | Component | Function | | :--- | :--- | | **Magnetic Pickup Input** | Receives AC frequency signals from a passive sensor near a gear. | | **Signal Conditioner** | Filters electrical noise and converts sine waves into digital pulses. | | **Microprocessor/Logic** | Analyzes the frequency to calculate real-time RPM. | | **Potentiometers** | Precision adjustable resistors used to set the "Trip" points manually. | | **Electromechanical Relays** | Physical switches (usually DPDT) that open or close external circuits. | | **Status LEDs** | Light-emitting diodes that indicate power, signal, and relay states. | --- ## 2. Technical Specifications The electronics are designed for high reliability and rapid response times to prevent catastrophic engine failure. ### Input/Output Interface * **Power Supply:** Usually operates on 12VDC or 24VDC (battery systems). * **Signal Input:** Accepts signals from 0.05Vrms to 100Vrms. * **Relay Contact Rating:** Typically rated for 5A to 10A at 28VDC/115VAC. ### Protection Features 1. **Reverse Polarity Protection:** Prevents damage if DC power leads are swapped. 2. **Surge Suppression:** Internal varistors or diodes protect against voltage spikes from the engine's alternator. 3. **Hysteresis Logic:** Electronic logic that prevents "relay chatter" when the speed is hovering exactly at the setpoint. --- ## 3. Operating Logic The electronic circuit operates in three primary phases: ### A. Frequency Sensing The device counts the number of pulses generated by the magnetic pickup. ```mathematics Frequency (Hz) = (RPM × Number of Gear Teeth) / 60 ``` ### B. Comparison The internal comparator matches the incoming frequency against the voltage level set by the **Setpoint Potentiometers**. ### C. Actuation When the frequency exceeds the setpoint, the transistor driver energizes the relay coil. This is commonly used for: * **Overspeed Shutdown:** Cutting fuel or ignition if the engine runs too fast. * **Crank Termination:** Disengaging the starter motor once the engine reaches a self-sustaining speed. * **Underspeed Signaling:** Triggering an alarm if a conveyor or pump slows down. ---
    ✨ Follow-up Questions
    • ⤷ What is the wiring procedure for a magnetic pickup sensor to an ESS30?
    • ⤷ How do you calibrate the trip points on an ESS30 speed switch?
    • ⤷ What are the common failure modes of electronic speed switches in industrial engines?