Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESS50

  • AI
    The **ESS50** (Energy Storage System 50kWh) is a high-capacity industrial or residential energy storage unit designed to bridge the gap between solar generation and consumption. Its electronic architecture is divided into power conversion, monitoring, and safety management. --- ### 1. Key Electronic Subsystems The ESS50 relies on several critical electronic components to manage energy flow and ensure cell longevity: | Component | Function | Description | | :--- | :--- | :--- | | **BMS (Battery Management System)** | Safety & Balancing | Monitors voltage, current, and temperature of each cell group. | | **PCS (Power Conversion System)** | AC/DC Inversion | Converts DC from batteries to AC for the grid (and vice versa). | | **EMS (Energy Management System)** | Logic & Communication | High-level controller that decides when to charge/discharge based on load. | | **PDU (Power Distribution Unit)** | Routing | Includes breakers, contactors, and fuses for high-voltage protection. | | **DC/DC Converter** | Voltage Regulation | Adjusts DC voltage levels between the battery stack and the inverter bus. | --- ### 2. The Battery Management System (BMS) Architecture The BMS is the "brain" of the ESS50. It typically operates in a two-tier hierarchy: 1. **Slave BMU (Battery Monitoring Unit):** Attached directly to the cell modules to measure localized temperature and cell balancing. 2. **Master BCU (Battery Control Unit):** Collects data from slaves, calculates State of Charge (SoC) and State of Health (SoH), and controls the main contactors. --- ### 3. Integrated Protection Electronics To handle the high energy density of a 50kWh system, specific protection electronics are integrated: * **SPD (Surge Protection Device):** Protects the internal sensitive electronics from atmospheric lightning or grid switching transients. * **HRC Fuses (High Rupture Capacity):** Fast-acting electronic fuses that disconnect the circuit in microseconds during a short circuit. * **Insulation Monitoring:** Continuously checks the resistance between the high-voltage DC bus and the chassis to prevent electric shock. --- ### 4. Communication Protocols The electronic parts communicate via standardized industrial interfaces to ensure compatibility with external solar inverters and smart grids: ```yaml Protocols: - CANbus: Primary communication between internal BMS and Inverter. - RS485 (Modbus RTU): Used for data logging and remote monitoring. - Ethernet (TCP/IP): Connectivity for cloud-based EMS platforms. ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a high-voltage and low-voltage ESS50 architecture?
    • ⤷ How does the BMS handle cell balancing in a 50kWh system?
    • ⤷ Which power conversion systems are most compatible with ESS50 units?