Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESS75

  • AI
    The **ESS75** typically refers to a **75W Enclosed Switching Power Supply**, a common industrial electronic component used to convert AC main voltage into a stable DC output. Below is an explanation of its internal electronic composition and technical specifications. --- ## 1. Core Electronic Components An ESS75 unit functions using Pulse Width Modulation (PWM) to regulate voltage efficiently. The main internal components include: | Component Category | Primary Function | | :--- | :--- | | **Input Filter (EMI)** | Uses X/Y capacitors and common-mode chokes to prevent electromagnetic interference. | | **Bridge Rectifier** | Converts incoming AC (110V/220V) into high-voltage DC. | | **Switching MOSFET** | The "heart" of the unit; toggles high-speed switching to regulate energy flow. | | **High-Frequency Transformer** | Provides galvanic isolation and steps down the voltage to the required output level. | | **Output Rectifier & Filter** | Uses Schottky diodes and electrolytic capacitors to smooth the DC output. | | **Optocoupler** | Provides feedback from the output to the control IC while maintaining isolation. | --- ## 2. Technical Specifications Most ESS75 models (such as those from Mean Well or generic industrial brands) share these standard electronic characteristics: * **Input Voltage Range:** 85 ~ 264VAC (Universal Input). * **Output Power:** 75 Watts maximum. * **DC Output Voltages:** Commonly available in 5V, 12V, 24V, and 48V variants. * **Efficiency:** Typically between **85% and 90%** depending on the load. * **Protection Circuitry:** * *Short Circuit Protection (SCP)* * *Overload Protection (OLP)* * *Over Voltage Protection (OVP)* --- ## 3. Terminal Connectivity The electronic interface of the ESS75 is usually a 5 or 7-pin screw terminal block, mapped as follows: 1. **L (Line):** AC Hot wire input. 2. **N (Neutral):** AC Neutral wire input. 3. **FG (Frame Ground):** Connection to the chassis/earth. 4. **-V (COM):** Negative DC output return. 5. **+V:** Positive DC output. 6. **V ADJ:** A small potentiometer (variable resistor) used to fine-tune the output voltage (usually ±10%). --- ## 4. Operational Diagram (Simplified) ```mermaid graph LR A[AC Input] --> B[Rectifier/Filter] B --> C[PWM Controller] C --> D[Switching MOSFET] D --> E[Transformer] E --> F[Output Rectification] F --> G[DC Output] G -.-> H[Feedback Loop/Optocoupler] H -.-> C ```
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for an ESS75 under full load?
    • ⤷ How do I calibrate the output voltage using the V ADJ potentiometer?
    • ⤷ Can the ESS75 be connected in parallel to increase current output?