Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESS75-48

  • AI
    The **ESS75-48** is a standard AC-DC industrial power supply, typically categorized as a "Switching Mode Power Supply" (SMPS). It is designed to convert high-voltage AC input into a stable 48V DC output with a power rating of approximately 75 Watts. Below is an explanation of its core electronic components and technical specifications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 85 - 264V AC (Universal) or 120 - 370V DC | | **Output Voltage** | 48V DC | | **Output Current** | ~1.6A (depending on efficiency) | | **Rated Power** | 75 Watts | | **Efficiency** | Typically 85% - 89% | | **Cooling** | Natural Convection (No fan) | --- ### 2. Internal Electronic Parts & Functional Blocks The ESS75-48 functions through several stages, each containing specific electronic components: #### A. Input Filter & Rectification * **Fuse:** Provides overcurrent protection at the input stage. * **Varistor (MOV):** Protects the circuit against high-voltage surges from the AC line. * **EMI Filter (Inductors & X/Y Capacitors):** Filters out electromagnetic interference to ensure the device doesn't interfere with other electronics. * **Bridge Rectifier:** Converts the AC input into a pulsating DC voltage. #### B. Power Factor Correction (PFC) & Switching * **Bulk Capacitor:** Smooths the rectified DC into a high-voltage DC bus. * **Switching MOSFET:** Acts as a high-speed gate, "chopping" the DC into high-frequency pulses (usually 50kHz to 100kHz). * **PWM Controller IC:** The "brain" that regulates the duty cycle of the MOSFET to maintain a steady output regardless of load changes. #### C. Isolation & Transformation * **High-Frequency Transformer:** Provides galvanic isolation between the dangerous AC side and the safe DC output side. It steps down the high-frequency AC voltage. * **Optocoupler:** An infrared LED/Phototransistor pair that sends feedback from the output back to the controller while maintaining electrical isolation. #### D. Output Rectification & Filtering * **Schottky Diodes:** Rectify the high-frequency AC from the transformer back into DC. * **Electrolytic Capacitors:** Low-ESR capacitors that smooth the 48V output to minimize "ripple" voltage. * **Potentiometer (V. ADJ):** A small variable resistor allowing the user to fine-tune the output (e.g., from 43V to 52V). --- ### 3. Protection Circuitry The ESS75-48 includes integrated protection features to prevent component failure: 1. **Overload Protection (OLP):** Limits the current if the load exceeds ~105% of capacity. 2. **Overvoltage Protection (OVP):** Shuts down the unit if the output exceeds a safe threshold (usually around 55V-60V). 3. **Short Circuit Protection:** Automatically recovers once the short is removed.
    ✨ Follow-up Questions
    • ⤷ What are the typical dimensions and mounting options for the ESS75-48?
    • ⤷ How does the efficiency of this power supply change under different load conditions?
    • ⤷ Can the ESS75-48 be connected in parallel for higher power requirements?