Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ESSW1

  • AI
    Based on the identification of **ESSW1** (commonly referring to a specific series of **Electronic Selector Switches** or safety-related switches used in industrial automation and power systems), here is a breakdown of the electronic components and technical specifications. --- ## 1. Core Components of ESSW1 Electronic Selector Switches are integrated assemblies designed to interface manual input with electronic control systems (PLCs, MCUs). | Component | Function | Material/Type | | :--- | :--- | :--- | | **Contact Block** | The primary switching mechanism that opens or closes the circuit. | Silver Alloy (AgNi) or Gold-plated | | **LED Indicator** | Provides visual feedback on the state of the switch. | High-intensity SMD LED | | **Housing** | Protects internal electronics from environmental factors. | Polyamide (PA66) or Aluminum Alloy | | **Terminals** | Connection points for wiring to the control panel. | Screw-type or Push-in Spring terminals | | **Resistor/Diode Network** | Internal circuitry to prevent voltage spikes or limit current for the LED. | Passive SMD components | --- ## 2. Technical Specifications The "ESSW1" typically adheres to the following electronic parameters: ### Electrical Ratings * **Operating Voltage:** 12V DC, 24V DC, or 110V/230V AC depending on the model. * **Current Rating:** Usually rated for **5A to 10A** (Thermal Current $I_{th}$). * **Insulation Resistance:** $> 100M\Omega$ at 500V DC. * **Contact Resistance:** $< 50m\Omega$ (initial value). ### Durability * **Mechanical Life:** Up to 1,000,000 cycles. * **Electrical Life:** 100,000 cycles at full load. --- ## 3. Wiring Configuration Most ESSW1 units utilize a modular contact block system. Below is a standard pin-out logic for a 2-position electronic switch: ```cpp // Logic Representation for a 2-Position Selector Switch_State = (Position_A == HIGH) ? "Circuit 1 Active" : "Circuit 2 Active"; /* Terminal 1 (NO) --- Open in Rest Terminal 2 (NC) --- Closed in Rest Terminal 3-4 --- LED Power (VCC/GND) */ ``` --- ## 4. Key Features * **IP Rating:** Generally **IP65 or IP67**, making the electronic parts resistant to dust and water ingress. * **Snap-action Mechanism:** Ensures a quick transition between states to prevent electrical arcing. * **Modular Design:** Allows the electronic contact blocks to be swapped without replacing the actuator (the knob).
    ✨ Follow-up Questions
    • ⤷ What is the specific IP rating required for your ESSW1 application?
    • ⤷ Do you need the wiring diagram for the 2-position or 3-position version?
    • ⤷ Are you integrating this switch into a PLC-based control system?