Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ET-8AI2-4AO2-H

  • AI
    The **ET-8AI2-4AO2-H** is an industrial-grade Ethernet Remote I/O module, typically used in automation and process control systems. It serves as a bridge between analog field instruments and a central controller (PLC or SCADA) over a network. --- ### 1. Key Technical Specifications The model name indicates its primary I/O configuration: | Feature | Specification | | :--- | :--- | | **8AI** | 8 Analog Inputs (Differential or Single-ended) | | **2DI** | 2 Digital Inputs (Dry/Wet Contact) | | **4AO** | 4 Analog Outputs (Voltage or Current) | | **2DO** | 2 Digital Outputs (Relay or Transistor) | | **Communication** | Ethernet (Modbus TCP) | | **Protocol** | Standard Modbus TCP/IP | --- ### 2. Core Electronic Components & Functions #### A. Analog Input Section (8AI) * **Resolution:** Usually 12-bit or 16-bit ADC (Analog-to-Digital Converter). * **Input Types:** Configurable for 0-20mA, 4-20mA, 0-5V, or 0-10V. * **Isolation:** High-voltage optical isolation to protect the internal circuitry from field surges. #### B. Analog Output Section (4AO) * **Control:** Uses DACs (Digital-to-Analog Converters) to generate precision signals. * **Applications:** Controlling VFD speeds, modulating valves, or driving proportional actuators. #### C. Digital I/O Section (2DI / 2DO) * **Inputs:** Used for status monitoring (e.g., limit switches). * **Outputs:** Often used for alarms or simple ON/OFF control of external relays. #### D. Processing & Communication * **MCU:** An embedded ARM-based microcontroller manages data conversion and logic. * **Network Interface:** RJ45 port supporting 10/100 Mbps Ethernet. * **Power Supply:** Usually operates on 9-36V DC industrial power. --- ### 3. Connection & Wiring Example The module typically follows a standard terminal block layout: ```text [ Power + ] ---- DC 24V [ Power - ] ---- GND [ AI_0+ ] ---- Sensor Signal (+) [ AI_0- ] ---- Sensor Signal (-) [ RJ45 ] ---- Ethernet Switch / PLC ``` --- ### 4. Summary of Use Cases 1. **Distributed I/O:** Placing sensors far from the main PLC and transmitting data via Ethernet to save on wiring costs. 2. **Environmental Monitoring:** Collecting data from 8 different temperature/pressure sensors via the AI ports. 3. **Process Regulation:** Using the AO ports to adjust chemical dosing pumps based on real-time AI feedback.
    ✨ Follow-up Questions
    • ⤷ What are the specific Modbus register addresses for the analog inputs?
    • ⤷ Does this module support PoE (Power over Ethernet) or require external DC power?
    • ⤷ How do I configure the input range between 4-20mA and 0-10V?