Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ET8-R

  • AI
    The **ET8-R** is a specific electronic component, most commonly associated with **high-frequency surface mount (SMD) RF transformers** or directional couplers, often manufactured by companies like M/A-COM or specialized RF component suppliers. Below is an overview of the technical electronic specifications and characteristics typically associated with this part. --- ### 1. General Specifications The ET8-R is designed for signal processing in telecommunications and radio frequency applications. It is known for its miniature footprint and reliability in high-speed data environments. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | RF Transformer / Balun | | **Impedance Ratio** | 1:8 | | **Frequency Range** | 2 MHz to 500 MHz (Varies by sub-model) | | **Mounting Type** | Surface Mount (SMD) | | **Configuration** | Case Style SM-22 (or similar) | | **Lead Finish** | Tin (RoHS compliant) | --- ### 2. Key Electronic Functions The ET8-R performs several critical roles within a circuit: * **Impedance Matching:** With a 1:8 ratio, it allows for the connection of circuits with vastly different impedances (e.g., matching a 50Ω input to a 400Ω output). * **Balun Functionality:** It converts signals between **balanced** (two signals out of phase) and **unbalanced** (single-ended) lines. * **DC Isolation:** It provides galvanic isolation between the primary and secondary stages, protecting sensitive components from DC offsets. * **Signal Coupling:** Efficiently transfers AC signals while minimizing insertion loss. --- ### 3. Pin Configuration and Schematic While specific pinouts can vary based on the exact manufacturer (e.g., M/A-COM), a standard 1:8 RF transformer like the ET8-R usually follows a 5-pin or 6-pin layout: ```text Primary (Unbalanced) Secondary (Balanced) [Pin 1] ----+ +---- [Pin 4] | | (Tap) (Tap) | | [Pin 3] ----+ +---- [Pin 6] ``` --- ### 4. Typical Applications The ET8-R is found in hardware where signal integrity and high-frequency performance are required: * **CATV Infrastructure:** Used in cable television amplifiers and distribution nodes. * **Data Communications:** Wideband signal transmission and reception. * **Test Equipment:** Signal conditioning for oscilloscopes and spectrum analyzers. * **Set-top Boxes:** Matching signals from the cable input to the internal processing units. --- ### 5. Selection Considerations When designing with an ET8-R, engineers must account for: 1. **Insertion Loss:** The amount of signal power lost as it passes through the transformer (usually measured in dB). 2. **Phase Unbalance:** Any deviation from the ideal 180-degree phase shift between balanced outputs. 3. **Amplitude Unbalance:** The difference in power levels between the two balanced outputs. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific insertion loss values for the ET8-R at 500 MHz?
    • ⤷ Can the ET8-R be used for power applications
    • ⤷ or is it strictly for signal processing?
    • ⤷ Which manufacturers currently produce the ET8-R or its direct equivalents?