Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EX45915-R

  • AI
    ## Overview of the EX45915-R The **EX45915-R** is a high-performance, industrial-grade Managed Ethernet Switch, typically manufactured by **EtherWAN**. It is designed for hardened environments where standard commercial networking hardware would fail due to temperature extremes or electromagnetic interference. --- ### Core Electronic Specifications | Component/Feature | Technical Detail | | :--- | :--- | | **Port Configuration** | 5-port 10/100/1000BASE-T (Gigabit Ethernet) | | **Input Voltage** | 12 to 48VDC (Redundant Terminal Block) | | **Power Consumption** | Max 6W (without PoE considerations) | | **Operating Temperature** | -40°C to 75°C (-40°F to 167°F) | | **Enclosure** | IP30 Aluminum Case | | **Mounting** | DIN-Rail or Wall Mount | --- ### Key Electronic Subsystems #### 1. Power Supply Architecture The "R" in the model name often signifies **Redundant Power Input**. The electronic design includes: * **Dual DC Inputs:** Allows for two independent power sources. If one fails, the internal diode-ORing circuit seamlessly switches to the backup. * **Reverse Polarity Protection:** Prevents damage to the internal PCB if the positive and negative wires are swapped during installation. #### 2. Hardened Networking Chipset Unlike consumer switches, the EX45915-R uses industrial-grade silicon (ASICs) rated for wide temperature swings. * **Switching Capacity:** 10Gbps non-blocking fabric. * **Packet Buffer:** Built-in memory to handle bursty traffic without dropping packets. #### 3. Protection Circuits (EMS/EMI) The device contains specific components to handle "dirty" industrial power: * **Surge Protection:** 2KV protection for power lines. * **ESD Protection:** 6KV contact/8KV air protection for Ethernet ports. * **Relay Output:** Includes a physical relay (Fault Alarm) that closes/opens a circuit to trigger an external alarm if power fails or a port goes down. #### 4. Management Logic The "Managed" aspect is driven by an onboard Microprocessor and Flash Memory, supporting: * **Layer 2 Protocols:** VLANs, IGMP Snooping, and Link Aggregation. * **Redundancy Protocols:** Support for **α-Ring** (proprietary fast recovery) and RSTP/MSTP. --- ### Physical Interface Code Blocks The terminal block wiring for the electronic power input typically follows this pinout: ```text Terminal Block Pinout: 1. V1+ (Primary Power Positive) 2. V1- (Primary Power Negative) 3. Chassis Ground 4. V2+ (Secondary Power Positive) 5. V2- (Secondary Power Negative) 6. Relay Output (Normally Open) 7. Relay Output (Common) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption if all 5 ports are active?
    • ⤷ Does this model support Power over Ethernet (PoE) for cameras?
    • ⤷ How does the alpha-Ring recovery time compare to standard Spanning Tree?