Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EX61622A-RVB

  • AI
    The **EX61622A-RVB** is a specialized high-performance integrated circuit (IC) primarily used in advanced display technologies, such as OLED (Organic Light-Emitting Diode) driver systems or power management for high-resolution panels. Below is a detailed breakdown of its electronic characteristics and functional components. --- ## 1. Component Overview The EX61622A-RVB belongs to the family of **Display Driver Integrated Circuits (DDICs)** or **Power Management Integrated Circuits (PMICs)** specifically tailored for mobile and wearable displays. | Feature | Description | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) | | **Primary Application** | AMOLED Display Control / Power Supply | | **Package Type** | BGA (Ball Grid Array) or WLCSP (Wafer Level Chip Scale Packaging) | | **Manufacturer** | Often associated with Magnachip or similar display silicon specialists | --- ## 2. Key Electronic Sections The architecture of the EX61622A-RVB is divided into several critical functional blocks: ### A. Voltage Regulation (DC-DC Converter) * **Step-Up (Boost) Converters:** Generates the high positive voltages required for OLED pixel activation. * **Inverting Buck-Boost:** Generates negative voltage rails (VSS) essential for high-contrast ratios in display panels. * **LDOs (Low Dropout Regulators):** Provides stable, low-noise power for the internal logic circuits. ### B. Interface & Control logic * **I2C / SPI Interface:** Used for communication with the host processor (Application Processor) to set brightness levels and gamma curves. * **PWM (Pulse Width Modulation):** Controls the dimming and brightness levels of the display. ### C. Protection Circuitry * **OTP (Over-Temperature Protection):** Shuts down the IC if thermal limits are exceeded. * **OCP (Over-Current Protection):** Prevents damage in case of a short circuit in the display panel. * **UVLO (Under-Voltage Lockout):** Ensures the chip only operates when the input voltage is within a safe range. --- ## 3. Typical Pin Configuration (Conceptual) Due to its application in compact electronics, the "RVB" suffix often denotes a specific revision or ball layout. | Pin Group | Function | | :--- | :--- | | **VIN / VBAT** | Direct input from the lithium-ion battery. | | **ELVDD / ELVSS** | Output rails for the OLED panel power. | | **SCL / SDA** | Clock and Data lines for I2C communication. | | **GND** | System ground. | | **EN / RST** | Enable and Reset pins for power sequencing. | --- ## 4. Usage in Industry The EX61622A-RVB is frequently found in the repair and manufacturing of: 1. **High-end Smartphones:** Managing the power delivery to Samsung or LG AMOLED panels. 2. **Smartwatches:** Where space-saving WLCSP packaging is required. 3. **Tablets:** Handling the increased current demands of larger high-refresh-rate screens. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific input voltage ranges for the EX61622A-RVB?
    • ⤷ Which smartphones commonly use the EX61622A series in their display assemblies?
    • ⤷ How does the RVB revision differ from the standard EX61622A version?