Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EX63221-R4B

  • AI
    The **EX63221-R4B** is a specialized electronic module typically used in industrial automation, specifically within the **EtherCAT** networking ecosystem. It serves as an **EtherCAT Remote I/O Junction Slave Module**, designed to expand network connectivity in harsh industrial environments. --- ### 1. Technical Specifications Below are the primary technical parameters for the EX63221-R4B: | Feature | Specification | | :--- | :--- | | **Network Protocol** | EtherCAT | | **Input Voltage** | 24V DC (±10%) | | **Communication Speed** | 100 Mbps (Full Duplex) | | **Ports** | 3-Port (1 Input, 2 Outputs/Junctions) | | **Connector Type** | M12 (Circular waterproof connectors) | | **Protection Class** | IP67 (Dust and water-resistant) | | **Operating Temp** | -10°C to +55°C | --- ### 2. Core Electronic Components & Architecture The module functions as a "junction" or "branching" point in a linear EtherCAT topology. Its internal circuitry consists of: * **EtherCAT Slave Controller (ESC):** The "brain" of the unit that handles the protocol processing at the hardware level, ensuring near-zero latency and high-speed data synchronization. * **Physical Layer (PHY) Chips:** Specialized ICs that manage the electrical signals sent over the Ethernet cables. * **Isolation Circuits:** Optocouplers or magnetic isolators are used to protect the internal logic from voltage spikes on the power line or network cables. * **Power Management:** DC-DC converters that step down the 24V input to the 3.3V or 1.2V required by the internal microprocessors. --- ### 3. Key Features * **Star Topology Support:** While standard EtherCAT is often daisy-chained, the R4B allows for branching, enabling a "Star" or "Tree" network layout. * **Hot-Connect Capability:** Allows for parts of the machine to be connected or disconnected while the network is running without crashing the entire system. * **Ruggedized Design:** The internal components are encapsulated or housed in a reinforced casing to withstand vibration and moisture. --- ### 4. Application Examples 1. **Robotic Arms:** Routing signals from the main controller to multiple end-of-arm tools. 2. **Modular Conveyors:** Adding or removing sections of a production line dynamically. 3. **Automotive Assembly:** Distributing sensor data across large-scale manufacturing cells.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M12 connectors on this module?
    • ⤷ Can the EX63221-R4B be used with standard Ethernet switches?
    • ⤷ How does the 'Hot-Connect' feature impact the EtherCAT Master configuration?