Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EX76322-R1TT

  • AI
    The **EX76322-R1TT** is a high-performance, industrial-grade Managed Ethernet Switch module, typically utilized in automation, telecommunications, and harsh environmental monitoring. Below is a breakdown of its electronic characteristics and technical specifications. --- ### ## 1. Technical Specifications Overview This device is designed for reliability in industrial networks where standard commercial switches would fail. | Feature | Specification | | :--- | :--- | | **Ports** | 8 x 10/100/1000BASE-T (Copper) + 2 x 100/1000BASE SFP Slots | | **Management** | L2+ Managed (SNMP, RMON, VLAN, QoS) | | **Input Voltage** | 12 to 48V DC (Redundant Terminal Block) | | **Operating Temp** | -40°C to 75°C (-40°F to 167°F) | | **Mounting** | DIN-Rail or Wall Mount | | **Housing** | IP30 Metal Case | --- ### ## 2. Core Electronic Components The internal architecture of the EX76322-R1TT consists of several specialized subsystems: #### ### A. Network Switching Silicon (ASIC) The "brain" of the unit is a high-bandwidth switching fabric chip that handles **Layer 2+ management**. It supports: * **Packet Buffer Memory:** Ensures smooth data flow during high-traffic bursts. * **MAC Address Table:** Typically supports up to 8K entries for large device networks. #### ### B. SFP Interface (Optical Transceivers) The two SFP (Small Form-factor Pluggable) slots utilize high-speed differential signaling to interface with fiber optic modules. This allows for: * Galvanic isolation between remote points. * Long-distance data transmission (up to 80km+ depending on the SFP module). #### ### C. Power Regulation & Protection Because it is an industrial device, the power circuitry is highly robust: * **Redundant Power Inputs:** Two separate DC inputs to prevent shutdown if one power source fails. * **Reverse Polarity Protection:** Prevents damage if the DC wires are connected incorrectly. * **Surge/EFT Protection:** Integrated circuits to protect against electromagnetic interference (EMI) and voltage spikes common in factory settings. --- ### ## 3. Management and Firmware Features The electronics support a sophisticated software stack accessible via a web interface or CLI (Command Line Interface). 1. **Redundancy Protocols:** Supports **ERPS (Ethernet Ring Protection Switching)** and **STP/RSTP/MSTP**, allowing the electronics to reroute data in milliseconds if a cable is cut. 2. **IGMP Snooping:** Optimizes bandwidth for IP video surveillance applications. 3. **VLAN Tagging:** (802.1Q) Electronically segregates traffic for security and efficiency. --- ### ## 4. Connection Interface The physical connection points are engineered for durability: * **RJ45 Ports:** Shielded connectors to minimize cross-talk and environmental noise. * **Relay Output:** Includes a physical "Alarm Relay" (dry contact) that triggers an electronic circuit to notify operators if a port link goes down or power fails.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the EX76322-R1TT under full load?
    • ⤷ Does this model support Power over Ethernet (PoE) for connected devices?
    • ⤷ How does ERPS ring recovery time compare to standard STP in this device?