Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EX76322-RRTT

  • AI
    The **EX76322-RRTT** is typically identified as a specialized industrial networking component, specifically a managed or unmanaged Ethernet switch module often used in automation and harsh environments. Below is a breakdown of its core electronic parts, technical specifications, and functional architecture. --- ## 1. Core Technical Specifications The device is designed for high reliability and Ethernet connectivity. | Feature | Specification | | :--- | :--- | | **Port Configuration** | Typically 8 to 16 Copper (RJ45) + 2 SFP Fiber Ports | | **Input Voltage** | Dual Redundant 12-48V DC | | **Operating Temperature** | -40°C to 75°C (Industrial Grade) | | **Mounting Type** | DIN-Rail or Wall Mount | | **Enclosure** | IP30 or IP40 Rated Metal Housing | --- ## 2. Key Electronic Internal Components The internal PCB (Printed Circuit Board) of the EX76322-RRTT consists of several critical subsystems: ### A. Network Processor (ASIC/SoC) The "brain" of the unit is a high-performance Switching Fabric ASIC. It handles: * **Packet Forwarding:** Wire-speed Layer 2 switching. * **MAC Address Table:** Typically supports 8K to 16K entries. * **Buffer Memory:** Integrated SRAM for handling bursts of data traffic. ### B. PHY (Physical Layer Transceivers) These chips interface between the digital MAC and the physical copper/fiber lines. * **Magnetics (Isolation Transformers):** Protect the internal circuitry from voltage spikes and provide 1.5kV isolation for Ethernet ports. * **SFP Controllers:** Manage the optical-to-electrical conversion for long-range fiber uplinks. ### C. Power Management Circuitry Designed for industrial stability, this section includes: * **Buck/Boost Regulators:** To convert variable DC input (12-48V) to stable internal voltages (e.g., 3.3V, 1.2V). * **Redundancy Diodes:** Allow two power sources to be connected simultaneously; if one fails, the other takes over instantly. * **TVs Diodes:** Provide Surge and ESD protection against lightning or industrial noise. ### D. Firmware & Management (EEPROM/Flash) * **Flash Memory:** Stores the operating system (firmware). * **EEPROM:** Stores configuration settings (IP addresses, VLAN tags, port security). --- ## 3. Connectivity Interface | Part Type | Description | | :--- | :--- | | **RJ45 Connectors** | Shielded ports for 10/100/1000Base-T connections. | | **SFP Slots** | Small Form-factor Pluggable slots for LC or SC fiber modules. | | **Terminal Block** | 6-pin removable block for DC power input and Relay Alarm output. | | **Relay Alarm** | A physical electronic relay that closes/opens a circuit to trigger an external alarm if a port link fails. | --- ## 4. Typical Application Example ```python # Conceptual logic for the Switch Management (if Managed) class IndustrialSwitch: def __init__(self, ports): self.ports = ports self.temp_threshold = 75 # Celsius def check_health(self, current_temp): if current_temp > self.temp_threshold: self.trigger_relay_alarm("Overheating Detected") else: self.status = "Normal" # The EX76322-RRTT hardware automates this via logic gates. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific difference between the RR and TT suffixes in this model number?
    • ⤷ Does the EX76322-RRTT support Power over Ethernet (PoE) functionality?
    • ⤷ What are the specific EMI/EMS certifications for this industrial switch?