Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EX77424-R1AC

  • AI
    The **EX77424-R1AC** is a high-performance, industrial-grade Managed Ethernet Switch manufactured by EtherWAN. It is specifically engineered for critical infrastructure and harsh environments, such as power substations and industrial automation. --- ## 1. Core Technical Specifications The device is characterized by its high port density and robust layer 2 management capabilities. | Feature | Specification | | :--- | :--- | | **Total Ports** | 28 Ports | | **Port Configuration** | 24 x 10/100BASE-TX + 4 x Gigabit (SFP/RJ45 Combo) | | **Switching Capacity** | 12.8 Gbps | | **Power Input** | 100 to 240VAC (Internal Universal PSU) | | **Mounting** | 1U 19" Rack-mount | | **Operating Temp** | -40°C to 75°C (-40°F to 167°F) | --- ## 2. Key Electronic & Hardware Components ### A. Connectivity Interface * **Copper Ports (FE):** 24 RJ45 ports supporting 10/100Mbps with Auto-MDI/MDIX. * **Combo Ports (Gigabit):** 4 ports that allow the user to choose between high-speed copper (RJ45) or fiber optic (SFP) modules for long-distance uplinks. ### B. Ruggedized Protection The internal circuitry is protected against electrical interference common in industrial settings: * **Surge Protection:** Built-in protection for power and data lines. * **ESD Protection:** High-level Electrostatic Discharge protection to prevent component failure during handling or atmospheric changes. * **Fanless Design:** Uses advanced thermal dissipation (heatsinks) instead of fans, increasing the MTBF (Mean Time Between Failures) by removing moving parts. ### C. Processing and Memory The unit contains an industrial-grade **ASIC (Application-Specific Integrated Circuit)** designed for wire-speed switching. * **MAC Address Table:** Typically 8K entries. * **Packet Buffer:** Integrated memory to handle data bursts and prevent packet loss. --- ## 3. Advanced Electronic Features (Management) The firmware and onboard microcontrollers support several protocols that manage the flow of electrons/data: 1. **Redundancy Protocols:** Supports **Alpha-Ring**, STP, RSTP, and MSTP to ensure that if one cable fails, the electronic signal is rerouted in less than 15ms. 2. **VLAN Support:** Port-based and Tag-based (IEEE 802.1Q) to segregate electronic traffic for security. 3. **QoS (Quality of Service):** Prioritizes critical data packets (like VoIP or industrial control signals) over standard traffic. --- ## 4. Compliance and Certifications The electronics are tested to meet the following industrial standards: * **EMI/EMC:** FCC Part 15B Class A, CE Mark. * **Safety:** UL 60950-1. * **Environmental:** RoHS compliant and tested for high vibration/shock resistance (IEC 60068-2-6/27).
    ✨ Follow-up Questions
    • ⤷ What are the specific SFP modules compatible with the EX77424-R1AC?
    • ⤷ Does this model support Power over Ethernet (PoE)?
    • ⤷ How does Alpha-Ring technology compare to standard RSTP?