Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EX77424-R43TR

  • AI
    The **EX77424-R43TR** is an industrial-grade, managed Ethernet switch typically manufactured by **EtherWAN Systems**. This device is designed for harsh environments and high-performance networking applications. --- ## 1. Core Technical Specifications The "R43TR" suffix usually denotes a specific port configuration and power input variant. Below are the primary electronic components and specifications: | Feature | Specification | | :--- | :--- | | **Total Ports** | 28 Ports | | **Port Configuration** | 24-port 10/100BASE-TX + 4-port Gigabit (SFP/RJ45 Combo) | | **Management** | Layer 2 Managed (SNMP, Web, Telnet, CLI) | | **Switching Capacity** | High-speed non-blocking backplane | | **Mounting** | 1U Rackmount | | **Input Voltage** | Redundant power inputs (typically 100-240VAC or 48VDC depending on build) | --- ## 2. Key Electronic Components & Architecture ### A. Integrated Circuits (IC) and Processing * **Switch Fabric:** Utilizes high-performance ASICs designed for wire-speed switching across all 28 ports simultaneously. * **CPU:** An embedded microprocessor manages the software stack, handling VLAN tagging (IEEE 802.1Q), QoS (Quality of Service), and security protocols like SSH/SSL. * **Memory:** Includes onboard **SDRAM** for operational data and **Flash Memory** for storing the firmware and configuration files. ### B. Network Interface Components * **Ethernet Controllers (PHYs):** Physical layer chips that handle the electrical signals for the 24 copper ports. * **SFP Cages:** The 4 Gigabit ports utilize SFP (Small Form-factor Pluggable) slots, which contain circuitry for converting electronic signals into optical signals (fiber optics). * **Isolation Transformers:** Magnetic modules on every RJ45 port to provide galvanic isolation, protecting the internal circuitry from voltage spikes and ESD. ### C. Power Supply Unit (PSU) * **Redundancy:** The "R" in the suffix often indicates redundant power capabilities. * **Protection:** The internal power board includes surge protection, over-current protection, and reverse polarity protection to ensure stability in industrial settings. --- ## 3. Industrial Design Features Unlike commercial switches, the EX77424 is built with specialized electronic hardware to survive: 1. **Electromagnetic Compatibility (EMC):** High resistance to electromagnetic interference (EMI) often found in factory floors. 2. **Thermal Management:** Passive cooling or high-grade industrial fans to maintain an operating temperature range often between **-10°C to 60°C**. 3. **Alarm Relay:** A physical dry contact (relay) that can trigger an external electronic alarm if a power failure or link-down event occurs. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power input requirements for the R43TR variant?
    • ⤷ Does this model support Power over Ethernet (PoE)?
    • ⤷ What is the MTBF (Mean Time Between Failures) for this industrial switch?