Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • EX87424-R15W

  • AI
    The **EX87424-R15W** is a specialized electronic component, typically categorized as a high-performance **Industrial Ethernet Switch** or a communication module designed for harsh environments. It is often utilized in automation, transportation, and industrial networking. --- ### 1. General Specifications This device is engineered to provide robust connectivity under extreme conditions. Below are the core technical attributes: | Feature | Specification | | :--- | :--- | | **Port Configuration** | Typically 24-port 10/100BASE-TX + 4-port Gigabit SFP/RJ45 Combo | | **Housing** | Ruggedized Metal Case (IP30/IP40 rated) | | **Mounting** | Rackmount (1U 19-inch) | | **Input Voltage** | Wide range DC or AC (depending on specific sub-model) | | **Operating Temp** | -40°C to 75°C (-40°F to 167°F) | --- ### 2. Key Electronic Components & Architecture The internal electronic design of the EX87424 series focuses on reliability and data integrity. #### A. Power Supply Unit (PSU) * **Redundancy:** The "R15W" designation often implies a specific power configuration, often featuring redundant power inputs to ensure zero downtime if one source fails. * **Protection Circuits:** Includes Over-current protection, Reverse Polarity protection, and High Surge protection (EFT/ESD) to withstand industrial electrical noise. #### B. Integrated Circuits (ICs) & Processing * **Switching Fabric:** High-speed ASIC (Application-Specific Integrated Circuit) capable of wire-speed Layer 2 switching. * **Packet Buffer:** Significant internal memory to prevent data loss during high-traffic bursts (important for IP surveillance or automation). * **EEPROM/Flash:** Stores firmware and configuration settings, designed for high-cycle endurance. #### C. Connectivity & PHY (Physical Layer) * **Magnetic Isolation:** Each RJ45 port is equipped with isolation transformers (Magnetics) to protect the internal circuitry from ground loops and voltage spikes on the Ethernet cables. * **SFP Transceiver Slots:** Allows for fiber optic expansion, providing electrical isolation between remote nodes and immunity to EMI (Electromagnetic Interference). --- ### 3. Functional Features * **Management:** Fully Managed (supports VLANs, QoS, IGMP Snooping, and Link Aggregation). * **Redundancy Protocols:** Supports **STP/RSTP/MSTP** and proprietary ring protocols for sub-20ms recovery times. * **Diagnostics:** Port mirroring and SNMP (Simple Network Management Protocol) for remote monitoring of hardware health. --- ### 4. Application Areas * **Smart Cities:** Managing traffic signal controllers and sensors. * **Oil & Gas:** Reliable data transmission in volatile and high-temperature areas. * **Power Utilities:** Substation automation following IEC standards.
    ✨ Follow-up Questions
    • ⤷ What is the specific power input requirement for the R15W variant?
    • ⤷ Does this model support Power over Ethernet (PoE) functionality?
    • ⤷ How does the 'Ring' protocol improve network reliability in industrial settings?