Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F-BA-R2

  • AI
    The **F-BA-R2** is a specific electronic sub-assembly, most commonly identified as a **Fan Interface or Power Control Board** used in specialized hardware environments (such as telecommunications or industrial server chassis). Below is a breakdown of its primary electronic functions, components, and characteristics. --- ### 1. Primary Function The F-BA-R2 acts as an intermediary bridge between a system's Main Logic Board (MLB) and the cooling infrastructure. Its primary roles include: * **Power Distribution:** Converting high-voltage input into usable DC power for fan motors. * **Signal Routing:** Relaying Tachometer (speed) and Pulse Width Modulation (PWM) signals. * **Hot-Swap Management:** Allowing fans to be replaced while the system is running without causing electrical surges. ### 2. Key Electronic Components A typical F-BA-R2 assembly contains several critical surface-mount devices (SMD): | Component Type | Description | Purpose | | :--- | :--- | :--- | | **PWM Controllers** | Integrated Circuits (ICs) | Regulates the duty cycle to control fan RPM. | | **MOSFETs** | Metal-Oxide-Semiconductor Field-Effect Transistors | High-speed switching for power delivery. | | **TVS Diodes** | Transient Voltage Suppressors | Protects the board from static (ESD) and power spikes. | | **Blind Mate Connectors** | High-density pin headers | Ensures secure electrical contact when the module is slid into a rack. | | **EEPROM/ID Chip** | Small Memory Module | Stores hardware versioning and serial numbers for system inventory. | ### 3. Technical Specifications (General) While specific specs vary by the OEM (Original Equipment Manufacturer), the R2 revision typically features: * **Input Voltage:** 12V DC or 48V DC (depending on industrial application). * **Signaling:** I2C or SMBus for health monitoring and "Fan Fail" alerts. * **PCB Layers:** Multi-layer (4-6 layers) for improved thermal dissipation and EMI shielding. --- ### 4. Common Failure Points Technicians monitoring the F-BA-R2 should look for: 1. **Capacitor Bulging:** Due to high heat exposure from constant fan operation. 2. **Connector Carbonization:** Pitting on the pins caused by arcing during hot-swapping. 3. **Sensor Failure:** The board may report a "Fan Error" even if the fan is spinning, often due to a failed logic gate on the R2 board itself.
    ✨ Follow-up Questions
    • What are the specific pinout diagrams for the F-BA-R2 connector?
    • How do I troubleshoot a 'Fan Board Communication' error in the system logs?
    • Which manufacturers produce the F-BA-R2 for server infrastructure?