Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F-R-30-

  • AI
    The **F-R-30** designation is most commonly associated with a specific series of **Metal Oxide Film Resistors**. These are passive electronic components designed to limit current flow and provide resistance in circuits requiring high stability and reliability. --- ## 1. Technical Specifications The "30" in the name often refers to the power rating (typically 3.0 Watts) or a specific size classification within the manufacturer’s catalog. | Feature | Typical Specification | | :--- | :--- | | **Material** | Metal Oxide Film | | **Power Rating** | 3.0 Watts (at 70°C) | | **Resistance Range** | 0.1Ω to 1MΩ (Common range) | | **Tolerance** | ±1%, ±2%, or ±5% | | **Temp. Coefficient** | ±200 ppm/°C to ±350 ppm/°C | | **Max Working Voltage** | 350V - 500V | --- ## 2. Key Characteristics Metal oxide film resistors like the F-R-30 are preferred over carbon film resistors in specific industrial applications due to the following: ### A. Flameproof Construction The "F" in many resistor codes stands for **Flameproof**. These parts are coated with a non-flammable material (usually silicone or a special lacquer) that will not catch fire or emit smoke even when severely overloaded. ### B. High Temperature Stability They can operate at higher ambient temperatures compared to carbon resistors without significant degradation of the resistive element. ### C. Low Noise They exhibit very low electrical noise, making them ideal for high-fidelity audio equipment and sensitive measurement tools. --- ## 3. Typical Applications * **Power Supplies:** Used as bleeder resistors or in voltage-dropping circuits. * **Audio Equipment:** Employed in amplifier output stages where heat dissipation is necessary. * **Industrial Control:** Used in circuits that experience high surge currents. * **Home Appliances:** Integrated into logic boards for washing machines or ovens due to their safety (flameproof) ratings. --- ## 4. Visual Identification You can identify an F-R-30 resistor by its physical attributes: 1. **Body Color:** Usually gray, pink, or light blue (non-flammable coating). 2. **Markings:** Uses the standard **4-band or 5-band color code** to denote resistance value and tolerance. 3. **Size:** Larger than standard 1/4W or 1/2W resistors to accommodate the 3W heat dissipation.
    ✨ Follow-up Questions
    • ⤷ How do I read the color bands on a 5-band metal oxide resistor?
    • ⤷ What is the difference between a metal film and a metal oxide film resistor?
    • ⤷ Can I replace an F-R-30 resistor with a higher wattage rating?