Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F-RF-R

  • AI
    The term **F-RF-R** generally refers to a specific type of high-frequency electronic component used in telecommunications and signal processing, most commonly representing an **RF-Resistor** (Fixed RF Resistor). These parts are engineered to maintain stable resistance at microwave and radio frequencies where standard resistors would fail due to parasitic inductance and capacitance. --- ### 1. Key Characteristics Standard resistors behave like inductors at high frequencies. F-RF-R components are designed to mitigate these effects. | Feature | Description | | :--- | :--- | | **Low Parasitic Capacitance** | Minimizes signal phase shifts. | | **Low Inductance** | Prevents the resistor from acting like a choke at high GHz ranges. | | **Power Handling** | Designed to dissipate heat quickly in power amplifiers. | | **VSWR** | Low Voltage Standing Wave Ratio to prevent signal reflections. | --- ### 2. Common Types of RF Resistors Depending on the application, these components come in different form factors: 1. **Chip Resistors:** Surface-mount devices (SMD) used in compact PCB designs. 2. **Flanged Resistors:** Larger components with a metal base for direct mounting to a heat sink, used in high-power transmitters. 3. **Rod/Disc Resistors:** Specialized shapes for coaxial terminations. --- ### 3. Typical Applications These components are critical in the following circuits: * **Terminations (Dummy Loads):** Used to "close" a circuit and absorb RF energy to prevent reflections that could damage a transmitter. * **Attenuators:** Used to reduce the signal strength by a specific dB amount without distorting the waveform. * **Power Dividers:** Used in Wilkinson power dividers to balance signals between ports. --- ### 4. Technical Specifications When selecting an F-RF-R component, engineers look at the following parameters: ```json { "Parameters": { "Frequency_Range": "DC to 40+ GHz", "Power_Rating": "0.1W to 1000W+", "Tolerance": "±1% to ±5%", "Substrate_Material": "Alumina (Al2O3) or Beryllium Oxide (BeO)" } } ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the substrate material (BeO vs AlN) affect RF resistor performance?
    • ⤷ What is the difference between an RF resistor and an RF attenuator?
    • ⤷ How do you calculate the power rating needed for a dummy load?