Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F1139BAB-R

  • AI
    The **F1139BAB-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits, specifically within DC-DC converters and voltage regulators. --- ### 1. Key Technical Specifications While exact specifications can vary slightly by manufacturer (often associated with brands like **Sumida** or similar power component specialists), the F1139BAB-R generally follows these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Shielding** | Magnetic Shielding (to prevent EMI) | | **Core Material** | Ferrite or Metal Composite | | **Standard Compliance** | RoHS Compliant (Lead-free) | | **Suffix "-R"** | Usually denotes Tape & Reel packaging | --- ### 2. Physical Characteristics * **Low Profile:** Designed for compact electronics where vertical space is limited. * **Shielded Construction:** The inductor is enclosed in a magnetic material. This contains the magnetic field, reducing interference with nearby sensitive components on the PCB. * **Termination:** Large metallic solder pads on the bottom for high current handling and mechanical stability. --- ### 3. Electronic Functions The F1139BAB-R performs several critical roles in a circuit: 1. **Energy Storage:** It stores energy in a magnetic field when current flows through it, which is essential for "buck" or "boost" voltage conversion. 2. **Filtering:** It acts as a low-pass filter, smoothing out ripples in DC voltage and blocking high-frequency noise. 3. **Current Regulation:** It resists sudden changes in current, protecting sensitive downstream components (like CPUs or GPUs). --- ### 4. Typical Applications Components of this series are widely used in: * **Mobile Devices:** Smartphones, tablets, and laptops. * **Automotive Electronics:** Infotainment systems and sensor modules. * **Power Supplies:** Points of Load (POL) converters and VRMs (Voltage Regulator Modules). ---
    ✨ Follow-up Questions
    • ⤷What is the exact inductance value and current rating for the F1139BAB-R?
    • ⤷ Which manufacturers are the primary producers of this specific part number?
    • ⤷ Can you provide the physical footprint dimensions for PCB layout?