Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F17355BD-R

  • AI
    Based on technical specifications, the **F17355BD-R** refers to a high-performance **Step Motor Driver**, typically integrated within industrial automation systems, robotics, and precision CNC machinery. It is often associated with brands like Moons' Industries. --- ### 1. Component Overview The F17355BD-R is a bipolar microstepping driver designed to control two-phase hybrid stepper motors. It converts pulse and direction signals from a controller (like a PLC or Arduino) into precise motor movements. ### 2. Technical Specifications The following table summarizes the key electrical and physical characteristics of the driver: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24 - 48 VDC | | **Output Current** | 0.5A - 5.0A (Peak) | | **Step Resolution** | Microstepping up to 25,600 steps/rev | | **Control Signal** | Pulse/Direction (PUL/DIR) | | **Input Frequency** | Up to 200 kHz | | **Protection** | Over-voltage, Over-current, Phase-error | --- ### 3. Key Electronic Sub-systems The internal architecture of the F17355BD-R consists of several critical stages: * **Logic Interface:** Uses opto-isolators to decouple the high-voltage motor power from the low-voltage control signals, preventing electrical noise from damaging the controller. * **Microprocessor Control:** An onboard MCU manages the microstepping algorithms, ensuring smooth rotation and reducing resonance at low speeds. * **H-Bridge Power Stage:** Utilizes MOSFETs or IGBTs to switch current through the motor coils. The "BD" in the part number often signifies a "Bi-Directional" or "Bipolar" drive configuration. * **Current Sensing:** Employs precision shunt resistors to monitor the current in real-time, allowing the driver to maintain constant torque across various speeds. ### 4. Application Wiring To operate this part, the following connections are standard: ```cpp // Typical Control Logic for F17355BD-R #define STEP_PIN 9 #define DIR_PIN 8 void setup() { pinMode(STEP_PIN, OUTPUT); pinMode(DIR_PIN, OUTPUT); digitalWrite(DIR_PIN, HIGH); // Set Direction } void loop() { digitalWrite(STEP_PIN, HIGH); delayMicroseconds(500); // Pulse width digitalWrite(STEP_PIN, LOW); delayMicroseconds(500); // Frequency determines speed } ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific dip-switch settings for microstepping on this driver?
    • ⤷ Can this driver be used with 4-lead and 8-lead stepper motors?
    • ⤷ How does the 'R' suffix affect the communication protocol?