Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F1S-R10-JB

  • AI
    ## Analysis of F1S-R10-JB Electronic Component The **F1S-R10-JB** is a specific type of power resistor, commonly manufactured by companies like **Stackpole Electronics**. It belongs to the F1S series, which are axial-leaded, flameproof, metal film resistors designed for high-power density in a small package. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify its specific electronic characteristics: | Code Segment | Meaning | Value / Description | | :--- | :--- | :--- | | **F1S** | Series Name | 1-Watt Miniature Metal Film Resistor | | **R10** | Resistance Value | 0.10 Ohms ($\Omega$) | | **J** | Tolerance | $\pm$ 5% | | **B** | Packaging | Bulk Packaging | --- ### 2. Technical Specifications This component is designed to handle significant current relative to its size while maintaining stability. * **Power Rating:** 1 Watt at 70°C. * **Resistance:** 0.1 $\Omega$ (very low resistance). * **Tolerance:** $\pm$ 5%. * **Technology:** Metal Film. * **Coating:** Flameproof silicone coating (essential for safety in case of overcurrent). * **Operating Temperature Range:** -55°C to +155°C. * **Temperature Coefficient (TCR):** Typically $\pm$ 200 ppm/°C for this low resistance value. --- ### 3. Key Electronic Features * **Miniaturization:** The "S" in F1S stands for "Small." This part provides the power handling of a standard 1-watt resistor but in a physical size closer to a 0.5-watt resistor. * **Flameproof Construction:** The coating is designed not to catch fire or emit flames even if the resistor is overloaded to the point of failure. * **High Pulse Handling:** Metal film resistors of this type generally offer better pulse stability compared to carbon film alternatives. --- ### 4. Typical Applications Given its low resistance (0.1 $\Omega$) and 1W power rating, the F1S-R10-JB is frequently used in: 1. **Current Sensing:** Measuring the voltage drop across the resistor to determine current flow in a circuit. 2. **Power Supplies:** Used in feedback loops or as a shunt. 3. **Inrush Current Limiting:** Protecting sensitive components from initial power surges. 4. **Audio Equipment:** Used in output stages where low resistance and high power stability are required. --- ### 5. Mechanical Dimensions (Approximate) | Dimension | Metric (mm) | | :--- | :--- | | Body Length | 9.0 mm $\pm$ 0.5 | | Body Diameter | 3.2 mm $\pm$ 0.5 | | Lead Diameter | 0.65 mm $\pm$ 0.05 |
    ✨ Follow-up Questions
    • ⤷ What are the alternatives to F1S-R10-JB if a 1% tolerance is required?
    • ⤷ How does the flameproof coating behave under an extreme overload condition?
    • ⤷ Can this resistor be used in high-frequency RF applications?