Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F1SP-R10-FT

  • AI
    The **F1SP-R10-FT** is a specialized electronic component, typically categorized as a **surface-mount (SMT) power inductor** or a high-frequency filtering component, often used in automotive or industrial power management systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Technical Specifications These parameters define how the component behaves within a circuit: | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor / Magnetic Bead | | **Inductance Value** | Typically 10µH (indicated by "10" in the part number) | | **Mounting Type** | Surface Mount Technology (SMT/SMD) | | **Tolerance** | Generally ±20% (standard for power inductors) | | **Termination** | Lead-free (FT usually denotes "Flexible Termination" or "Flow Tinned") | --- ## 2. Key Electronic Characteristics ### A. Flexible Termination (FT) The "**FT**" suffix is critical. It indicates that the component features **Flexible Terminations**. * **Purpose:** To prevent mechanical cracking of the ceramic body due to PCB flexure or thermal expansion. * **Mechanism:** A conductive resin layer is added to the terminal to absorb mechanical stress. ### B. Current Handling * **Saturation Current ($I_{sat}$):** The point where inductance drops by a specific percentage (e.g., 30%) due to core saturation. * **Temperature Rise Current ($I_{rms}$):** The DC current that causes the component temperature to rise (usually by 40°C) above ambient. ### C. Shielding The "F1SP" series is typically **shielded**. This means the magnetic flux is contained within the component, which: 1. Reduces Electromagnetic Interference (EMI). 2. Allows for high-density placement on the PCB without interfering with neighboring components. --- ## 3. Application Use Cases The F1SP-R10-FT is designed for environments requiring high reliability: * **DC-DC Converters:** Used as an energy storage element to smooth output voltage. * **Automotive Electronics:** Often used in ADAS (Advanced Driver Assistance Systems) or Infotainment due to its vibration resistance. * **Noise Filtering:** Acts as a low-pass filter to remove high-frequency noise from power lines. --- ## 4. Package Dimensions (Generic SMT) * **Form Factor:** Usually follows standard metric/imperial footprints (e.g., 2520 or 3225). * **Operating Temperature:** Typically rated for **-40°C to +125°C**, making it suitable for industrial-grade applications. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the F1SP-R10-FT?
    • ⤷ How does flexible termination improve reliability compared to standard SMT pads?
    • ⤷ Is the F1SP-R10-FT AEC-Q200 qualified for automotive use?