Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2139BAME-R

  • AI
    ## Overview of the F2139BAME-R The **F2139BAME-R** (often associated with the Renesas H8S/2139 series) is a high-performance 16-bit microcontroller (MCU) designed for embedded systems. It belongs to the H8S/2100 series, which is widely used in industrial automation, office equipment, and consumer electronics due to its robust I/O capabilities and low power consumption. --- ### Technical Specifications The following table highlights the core electronic characteristics of the F2139BAME-R: | Feature | Specification | | :--- | :--- | | **CPU Core** | H8S/2000 (16-bit) | | **Operating Voltage** | 3.0V to 3.6V (Standard) | | **Max Frequency** | 20 MHz | | **Flash Memory** | 128 KB | | **RAM** | 4 KB | | **Package Type** | QFP-100 / TQFP-100 | | **ADC Channels** | 10-bit x 8 channels | | **I/O Ports** | Up to 74 pins | --- ### Key Electronic Components & Modules The internal architecture of this part consists of several critical subsystems: #### 1. The H8S/2000 CPU Core * **Architecture:** CISC (Complex Instruction Set Computer) with an internal 32-bit configuration for high-speed processing. * **Registers:** 16-bit general-purpose registers that can be used as 8-bit or 32-bit registers. #### 2. Memory Architecture * **Flash ROM:** Used for storing the application firmware. It supports on-board programming. * **Static RAM (SRAM):** Used for temporary data storage and stack operations. #### 3. Peripheral Interface Modules * **Timers:** Includes 8-bit and 16-bit timers (TMR, TPU) for PWM generation, pulse measurement, and event counting. * **Serial Communication (SCI):** Supports asynchronous and synchronous communication (UART/SPI modes) for interfacing with sensors or other MCUs. * **I2C Bus Interface:** Typically used for connecting to EEPROMs or digital sensors. * **A/D Converter:** An 8-channel, 10-bit resolution successive approximation converter for reading analog signals. #### 4. System Control * **Interrupt Controller:** Manages external and internal interrupt sources with multiple priority levels. * **Clock Pulse Generator (CPG):** Internal circuitry to multiply or divide the external crystal frequency. --- ### Typical Pinout Functions | Pin Category | Functionality | | :--- | :--- | | **Vcc / Vss** | Power supply and Ground pins. | | **XTAL / EXTAL** | Connections for the external crystal oscillator. | | **RES** | Reset pin to initialize the MCU. | | **Port 1-9** | General-purpose I/O, often multiplexed with peripheral functions (like SCI or ADC). | --- ### Application Usage The "R" suffix usually denotes a specific packaging variant (tape and reel) or a revision update. This part is commonly found in: 1. **Smart Card Readers** 2. **Baseboard Management Controllers (BMC)** in servers. 3. **Keyboard Controllers** in high-end notebooks.
    ✨ Follow-up Questions
    • ⤷ What are the specific power-saving modes available for the H8S/2139 series?
    • ⤷ How does the 'B' designation in the part number F2139BAME affect its technical features?
    • ⤷ What are the common programming tools or IDEs used for this Renesas MCU?