Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2AP-32-R

  • AI
    The **F2AP-32-R** is a specific electronic component typically categorized under professional-grade **Power Distributors** or **Power Supply Units (PSUs)**, often associated with industrial automation, telecommunications, or high-end security systems. Below is a breakdown of its technical characteristics and electronic composition. --- ### 1. Technical Specifications The "32" in the model number often refers to the number of output channels or the maximum current capacity. | Feature | Description | | :--- | :--- | | **Input Voltage** | AC 100V - 240V (Universal Input) | | **Output Type** | Multi-channel DC Distribution | | **Protective Features** | Overcurrent, Overvoltage, Short-circuit protection | | **Mounting Type** | Rack-mount (Standard 19-inch) or DIN Rail | | **Connector Type** | Terminal Blocks or Screw Terminals | --- ### 2. Core Electronic Components The internal architecture of the F2AP-32-R consists of several key stages: #### A. Power Conversion Stage * **Transformer:** Steps down the high-voltage AC to manageable levels. * **Bridge Rectifier:** Converts AC input into pulsed DC. * **Filter Capacitors:** High-capacitance electrolytic capacitors that smooth the DC ripple for a stable voltage. #### B. Distribution & Logic Stage * **Busbar System:** A heavy-duty copper rail that distributes power across the 32 individual channels. * **Control ICs:** Integrated circuits that monitor the load on each channel and manage logic signaling. * **Inductors:** Used for noise suppression (EMI filtering) to ensure the power output is "clean." #### C. Protection Circuitry * **PTCs (Resettable Fuses) or Fuses:** Each of the 32 channels usually has its own dedicated fuse to prevent a single failure from shutting down the entire system. * **Varistors (MOVs):** Protects the device against external voltage surges or lightning strikes. * **Status LEDs:** Individual diodes for each channel to indicate "Power On" or "Fault" status. --- ### 3. Application Use Cases This part is commonly found in the following environments: 1. **CCTV Systems:** Centralized power for up to 32 security cameras. 2. **Server Racks:** Providing low-voltage DC power to auxiliary equipment. 3. **Industrial Controls:** Powering multiple sensors or PLC modules in a factory setting. --- ### 4. Safety and Compliance Electronic parts like the F2AP-32-R are designed to meet international standards: * **RoHS Compliance:** No hazardous materials used in the soldering or components. * **CE/UL Listing:** Certified for electrical safety and electromagnetic compatibility.
    ✨ Follow-up Questions
    • ⤷ What is the maximum amperage per channel for the F2AP-32-R?
    • ⤷ How does the resettable fuse mechanism work in this unit?
    • ⤷ Can this unit be integrated into a remote monitoring system via SNMP?