Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2AP-32-R/Q

  • AI
    ## Overview of the F2AP-32-R/Q The **F2AP-32-R/Q** is a specific type of **Programmable Logic Controller (PLC) Output Module**, typically associated with industrial automation systems (specifically the Fuji Electric MICREX-F series). It serves as the interface between the controller's logic and high-power field devices. --- ### Technical Specifications The following table outlines the core electronic characteristics of the module: | Feature | Specification | | :--- | :--- | | **Output Type** | Relay Contact | | **Number of Points** | 32 Points | | **Isolation Method** | Relay isolation (Physical separation) | | **Rated Load Voltage** | 24V DC / 240V AC | | **Max. Load Current** | 2A per point (Common limitations apply) | | **Response Time** | 10ms or less (OFF to ON / ON to OFF) | | **Connection Type** | Connector-type (Q) or Terminal-type (R) | --- ### Key Electronic Components & Functions 1. **Electromechanical Relays**: * The "R" in the suffix usually denotes **Relay**. These modules use small internal relays to act as switches. * **Benefit**: They can handle both AC and DC loads and provide high electrical isolation between the PLC internal circuitry and the external field wiring. * **Wear Factor**: Being mechanical, they have a finite life cycle (measured in millions of operations). 2. **LED Status Indicators**: * The front panel contains 32 individual LEDs. * **Function**: These provide visual diagnostics to show which specific output channel is currently energized by the CPU. 3. **Internal Logic Circuitry**: * Uses opto-couplers to protect the internal bus of the PLC from voltage spikes occurring on the output side. * Processes the command from the CPU to trigger the specific relay coil. 4. **Connector Interface (Q-Suffix)**: * The "Q" often refers to a high-density connector interface rather than traditional screw terminals. * **Electronics**: This requires a specialized ribbon cable or pre-wired terminal block to distribute the 32 channels. --- ### Application Usage Because this is a **32-point relay module**, it is electronics-heavy for high-density applications where many devices need to be toggled, such as: * Solenoid valves * Motor starters/contactors * Signal lamps and industrial sirens * Interposing relays for larger power circuits --- ### Comparison: Relay vs. Transistor Modules | Feature | F2AP-32-R (Relay) | F2AP-32-T (Transistor) | | :--- | :--- | :--- | | **Switching Speed** | Slower (Mechanical) | Very Fast (Electronic) | | **Voltage Flexibility** | AC or DC | DC Only | | **Durability** | Limited by mechanical wear | Virtually unlimited | | **Current Capacity** | Generally higher per point | Lower per point |
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the F2AP-32-Q connector?
    • ⤷ How do I calculate the total power consumption for this module?
    • ⤷ What is the recommended fuse rating for protecting the relay contacts?