Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2AP-Z2-R/Q

  • AI
    The **F2AP-Z2-R/Q** is a specific part number typically associated with automotive sensor components, specifically **Oxygen Sensors (Lambda Sensors)** used in vehicle exhaust systems. These sensors are critical for engine management and emissions control. --- ### 1. Component Overview The F2AP-Z2-R/Q belongs to a family of sensors designed to measure the amount of unburnt oxygen in the exhaust gases. This data is sent to the Engine Control Unit (ECU) to adjust the fuel-air mixture. | Feature | Specification / Detail | | :--- | :--- | | **Component Type** | Oxygen (O2) Sensor / Lambda Sensor | | **Function** | Exhaust gas monitoring & A/F ratio correction | | **Material** | Zirconia (ZrO2) Ceramic | | **Output Signal** | 0.1V (Lean) to 0.9V (Rich) | | **Operating Temp** | 300°C to 850°C | --- ### 2. Internal Electronic Construction The "Z2" designation often refers to the internal element structure, which typically includes: * **Zirconium Dioxide Element:** A thimble-shaped ceramic body coated with a thin layer of platinum. At high temperatures, it acts as a solid electrolyte, conducting oxygen ions. * **Integrated Heater:** Modern sensors (like the R/Q variants) include an internal ceramic heater. This allows the sensor to reach its "light-off" temperature faster, reducing cold-start emissions. * **Platinum Electrodes:** Used to catalyze the reaction and pick up the voltage generated by the difference in oxygen concentration between the exhaust gas and ambient air. --- ### 3. Pinout and Connection (R/Q Variant) Most sensors in this series use a 4-wire configuration to support the integrated heater. | Wire Color (Standard) | Function | Description | | :--- | :--- | :--- | | **Black** | Signal | Sends voltage to the ECU | | **Grey** | Ground | Sensor ground reference | | **White** | Heater (+) | 12V supply to internal heater | | **White** | Heater (-) | Ground for heater circuit | --- ### 4. Part Suffix Meanings * **-R:** Often denotes a specific resistance range for the heater circuit or a specific connector orientation. * **-Q:** Usually indicates "Quick Start" capability or a specific quality/calibration standard required by the Original Equipment Manufacturer (OEM). --- ### 5. Troubleshooting Common Electronic Failures If this part fails, the ECU will typically trigger a Check Engine Light (CEL) with the following codes: 1. **P0135:** Heater Circuit Malfunction (The internal resistor is open). 2. **P0130:** Circuit Malfunction (Signal wire is grounded or broken). 3. **Slow Response:** The zirconia element is contaminated (silicone or carbon fouling), leading to sluggish voltage transitions.
    ✨ Follow-up Questions
    • ⤷ What is the nominal resistance of the heater circuit for this specific model?
    • ⤷ Can this sensor be interchanged with a universal 4-wire O2 sensor?
    • ⤷ How do I test the voltage output of the F2AP-Z2-R/Q using a multimeter?