Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2RS-3G-R

  • AI
    The **F2RS-3G-R** is a high-performance serial-to-cellular modem (industrial router) designed for M2M (Machine to Machine) and IoT (Internet of Things) communication. It functions primarily as a bridge between legacy serial equipment and modern 3G networks. --- ## 1. Core Electronic Specifications The device is built with industrial-grade components to ensure reliability in harsh environments. | Component | Specification | | :--- | :--- | | **Cellular Module** | WCDMA/HSPA/UMTS (3G), Dual-band or Tri-band | | **Processor** | Industrial 32-bit CPU | | **Flash Memory** | 512 KB (Standard) to 8 MB (Optional) | | **SRAM** | 256 KB (Standard) to 64 MB (Optional) | | **Power Supply** | DC 5V - 35V (Wide voltage input) | | **Current Draw** | <250mA @ 12V DC | --- ## 2. Key Interface Parts The "F2RS" designation typically refers to the physical serial interfaces available on the board. ### A. Serial Ports (RS232/RS485) * **RS232 Interface:** Uses a DB9 female connector. It includes TX, RX, and GND pins for point-to-point communication with PLCs or RTUs. * **RS485 Interface:** Uses a terminal block (A/B lines). It features built-in 15KV ESD protection to prevent damage from static or power surges. ### B. Cellular Connectivity * **SIM/UIM Slot:** Standard 1.8V/3V user identity card interface with 15KV ESD protection. * **Antenna Port:** 50$\Omega$ SMA female interface for external high-gain antennas. ### C. Power Management * **Reverse Polarity Protection:** The PCB includes diodes to prevent circuit burnout if the power leads are swapped. * **Overvoltage Protection:** Integrated transient voltage suppressors (TVS) to handle industrial power spikes. --- ## 3. Physical & Environmental Construction The internal electronics are protected by an external casing designed for durability. * **Housing:** High-strength iron (cold-rolled steel) providing IP30 protection. * **Mounting:** DIN-rail or wall-mount compatible. * **Operating Temperature:** -35°C to +75°C (-31°F to 167°F). * **Hardware Watchdog:** An internal "Watchdog" circuit monitors the CPU status and automatically reboots the system if a software crash occurs, ensuring 24/7 uptime. --- ## 4. Operational Logic The internal firmware supports several electronic communication protocols: 1. **TCP/UDP Transparent Transmission:** Converts serial data packets directly into IP packets. 2. **Modbus Gateway:** Converts Modbus RTU (Serial) to Modbus TCP (Network). 3. **Heartbeat Logic:** Sends a small electronic pulse to the server to maintain the cellular connection active even during idle periods.
    ✨ Follow-up Questions
    • ⤷ How do I configure the RS485 parameters for this device?
    • ⤷ What is the difference between the 3G-R and 4G versions of this modem?
    • ⤷ Can this device be powered via USB or is it DC input only?