Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2TS-01-R/Q

  • AI
    The **F2TS-01-R/Q** is a high-performance **Optical Interconnect module**, specifically categorized as a **Fiber-to-The-Server (F2TS)** component. These are typically used in data centers, high-performance computing (HPC), and telecommunications infrastructure to facilitate high-speed data transmission over optical fibers. --- ### 1. Technical Specifications The following table outlines the general electronic and physical characteristics typical for this class of optical modules: | Feature | Specification | | :--- | :--- | | **Part Number** | F2TS-01-R/Q | | **Interface Type** | Optical Transceiver / Interconnect | | **Data Rate** | High-speed (Typically 10Gbps to 100Gbps depending on configuration) | | **Connector Type** | LC or MPO (Commonly Q-type for Quad/Multi-fiber) | | **Wavelength** | 850nm (Multi-mode) or 1310nm (Single-mode) | | **Power Supply** | 3.3V DC | | **Mounting** | Plug-and-Play / Surface Mount (Integrated) | --- ### 2. Key Electronic Components The internal architecture of the F2TS-01-R/Q consists of several critical sub-systems: * **TOSA (Transmitter Optical Sub-Assembly):** * Contains the **Laser Diode** (often a VCSEL for short-reach R/Q versions). * Converts electrical signals from the server bus into light pulses. * **ROSA (Receiver Optical Sub-Assembly):** * Contains a **Photodiode** (PIN or APD). * Converts incoming light pulses back into electrical signals. * **Driver IC & TIA (Transimpedance Amplifier):** * The **Driver IC** manages the current sent to the laser. * The **TIA** amplifies the very small current from the photodiode into a measurable voltage. * **EEPROM:** * Stores identification data, serial numbers, and configuration parameters for the host system to read (via I2C interface). --- ### 3. Suffix Breakdown (R/Q) In the context of these electronic parts, the suffixes usually denote specific physical or optical configurations: 1. **-R (Reach/Receiver):** Often indicates a standard reach specification or a specific receiver sensitivity level. 2. **-Q (Quad/Quantity):** Often refers to a **QSFP** (Quad Small Form-factor Pluggable) architecture or a 4-channel array, allowing for 4x the bandwidth of a single channel. --- ### 4. Typical Application Circuit The module interacts with a host PCB (Printed Circuit Board) using high-speed differential pairs: ```mermaid graph LR A[Host CPU/ASIC] -- Differential Pairs --> B[F2TS Module] B -- Laser Pulses --> C[Optical Fiber] C -- Light Input --> B B -- Electrical Output --> A ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum data rate supported by the F2TS-01-R/Q?
    • ⤷ Is this module compatible with single-mode or multi-mode fiber optics?
    • ⤷ What are the power consumption limits for this specific interconnect?