Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2TS-04-R

  • AI
    The **F2TS-04-R** is a specific electronic component typically categorized as a **Terminal Block Connector** or an **Interface Module**, often utilized in industrial automation and control systems. It is designed to bridge the gap between field wiring and control equipment (like PLCs or distributed I/O). --- ### 1. General Specifications The part number usually corresponds to high-density terminal solutions. Below is a breakdown of its core characteristics: | Feature | Description | | :--- | :--- | | **Type** | Interface Terminal Block / Connector Terminal | | **Number of Points** | 4-Point (indicated by the "-04") | | **Mounting Type** | DIN Rail Mount | | **Wiring Method** | Screw or Push-in (depending on the specific series variant) | | **Common Application** | PLC Input/Output expansion, Sensor distribution | --- ### 2. Electronic Components & Construction The internal circuitry of the F2TS-04-R is generally passive but can include protective elements. Key internal components include: * **Busbars:** High-conductivity copper alloy used to carry the current between the input and output terminals. * **Insulation Housing:** Usually made of Polyamide (PA66) which provides flame retardancy (UL94V-0 rating) and high dielectric strength. * **Indicator LEDs (Optional):** Many models in this series include internal LEDs to signal the status of each of the 4 channels (On/Off). * **Protection Diodes:** Some variants include "R" (Relay or Resistance) logic which may incorporate flyback diodes to protect against inductive voltage spikes from external loads. --- ### 3. Pinout and Connection Logic The "04" designates four distinct channels. The wiring is typically structured as follows: 1. **Field Side:** Connection points for external devices (sensors, actuators). 2. **Control Side:** A header (often a ribbon cable connector or a high-density D-Sub) that connects directly to the PLC or Controller. ### 4. Technical Parameters | Parameter | Typical Value | | :--- | :--- | | **Rated Voltage** | 24V DC (Common) / up to 250V AC | | **Rated Current** | 1A to 10A per point (depending on terminal pitch) | | **Operating Temp** | -20°C to +55°C | | **Wire Size Range** | 22–14 AWG | --- ### 5. Summary of the "R" Suffix In electronic part numbering for terminal blocks, the **-R** often signifies: * **Relay:** The module includes four independent relays for dry contact switching. * **Right-Handed:** The physical orientation of the connector. * **RoHS:** Compliance with environmental safety standards.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for your F2TS-04-R unit (e.g.
    • ⤷ Dinkle
    • ⤷ Fatek
    • ⤷ or Panasonic)?
    • ⤷ Do you need the wiring diagram for connecting this to a PLC?
    • ⤷ Are you looking for a replacement part or a technical datasheet?