Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2TS-0G-R/Q

  • AI
    The **F2TS-0G-R/Q** refers to a specific type of high-performance thermal interface material, specifically a **thermal pad** or **phase-change sheet** often utilized in power electronics and semiconductor cooling. Below is a detailed breakdown of its technical characteristics and application context. --- ### 1. Key Technical Specifications The "F2TS" series is generally characterized by its high thermal conductivity and reliability under thermal cycling. | Feature | Description | | :--- | :--- | | **Material Category** | Thermal Interface Material (TIM) / Phase Change Material (PCM) | | **Primary Function** | Dissipating heat from electronic components to heat sinks. | | **Configuration** | Sheet/Pad form with specific thickness (often 0.1mm - 0.25mm). | | **Conductivity Range** | Typically high-performance (approx. 3.0 to 5.0 W/m·K or higher depending on the specific filler). | | **Voltage Rating** | High dielectric strength to prevent electrical shorting between components. | --- ### 2. Breakdown of the Model Code While nomenclature varies slightly by manufacturer (often associated with brands like **Fuji Polymer / Fujipoly**), the code usually breaks down as follows: * **F2TS**: The base series designation, indicating the material composition (e.g., silicone-based with ceramic fillers). * **0G**: Specific gravity or thickness code (commonly 0.1mm - 0.15mm for low thermal resistance). * **R/Q**: Revision or packaging codes, often indicating "Roll" (R) or "Quarter/Sheet" (Q) formats for manufacturing assembly. --- ### 3. Electronic Applications These parts are critical in environments where "hot spots" can lead to component failure. Common use cases include: 1. **IGBT Modules:** Used in power inverters and motor drives to bridge the gap between the power module and the aluminum heat sink. 2. **CPUs/GPUs:** Providing a thin, high-efficiency path for heat in embedded computing. 3. **Power Supplies:** Insulating high-voltage components while allowing heat to escape to the outer chassis. 4. **Automotive Electronics:** Used in EV battery management systems (BMS) due to their vibration resistance. --- ### 4. Installation & Handling When working with these electronic parts, the following precautions are standard: * **Surface Prep:** Both the component surface and the heat sink must be cleaned with Isopropyl Alcohol (IPA). * **Pressure:** These materials require a specific "clamping force" to reach their optimal thermal impedance. * **Storage:** Should be kept in a cool, dry place to prevent the drying out of the silicone binders. ---
    ✨ Follow-up Questions
    • ⤷What is the specific thermal conductivity (W/m·K) of the F2TS series?
    • ⤷ How does this material compare to standard thermal grease?
    • ⤷ What are the thickness options available for the 0G variant?