Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2TS-16-R

  • AI
    The **F2TS-16-R** is a specific type of electronic component typically categorized as a **Surface Mount (SMT) Low Profile Tactile Switch**. These components are widely used in consumer electronics to provide physical feedback to a user when a button is pressed. --- ### 1. Technical Specifications Below are the typical technical characteristics associated with the F2TS-16-R series: | Parameter | Specification | | :--- | :--- | | **Switch Type** | Tactile (Momentary) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Actuation Force** | Usually 160gf (Grams-force) | | **Contact Rating** | 50mA @ 12V DC | | **Contact Resistance** | < 100 mΩ | | **Operating Life** | 100,000 to 500,000 cycles | | **Travel** | 0.25mm ± 0.1mm | --- ### 2. Key Features * **Low Profile:** The "F2TS" series is designed to be extremely thin, making it ideal for compact devices like smartphones, wearables, and remote controls. * **Tactile Feedback:** Despite its small size, it provides a "clicky" physical sensation to confirm the circuit has closed. * **RoHS Compliant:** The "-R" suffix usually denotes compliance with environmental standards regarding hazardous substances (Lead-free). * **Tape and Reel Packaging:** Designed for automated "Pick and Place" assembly machines. --- ### 3. Pin Configuration and Internal Logic The switch is a **Single Pole Single Throw (SPST)** device. Internally, it consists of a metal dome that collapses when pressed to bridge two contacts. ```cpp // Logic Representation // State 0: Open Circuit (Button Released) // State 1: Closed Circuit (Button Pressed) if (buttonState == HIGH) { // Current flows through the F2TS-16-R executeAction(); } ``` --- ### 4. Common Applications 1. **Consumer Electronics:** Power buttons on tablets or volume rockers. 2. **Wearables:** Smartwatch navigation buttons. 3. **Medical Devices:** Control interfaces for portable diagnostic tools. 4. **Industrial:** Reset switches on PCB motherboards.
    ✨ Follow-up Questions
    • ⤷ What is the footprint size of the F2TS-16-R for PCB layout?
    • ⤷ How does actuation force affect the user experience in tactile switches?
    • ⤷ Are there waterproof versions of this specific switch series?