Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2TS-1Z-R

  • AI
    The **F2TS-1Z-R** is a specific electronic component, typically categorized as a **Terminal Block Relay** or an **Interface Relay Module**. These devices are used to bridge the gap between low-power control circuits (like PLCs) and high-power industrial loads. --- ### 1. General Specifications The part number suffix typically provides details about the contact configuration and mounting style. | Feature | Specification | | :--- | :--- | | **Component Type** | Slim Interface Relay / Terminal Relay | | **Contact Form** | 1Z (SPDT - Single Pole Double Throw) | | **Mounting** | DIN Rail Mounting (TS-35) | | **Housing Width** | Usually 6.2mm (Slim profile) | | **Connection Type** | Screw or Push-in Terminals | --- ### 2. Breakdown of the Part Number (Nomenclature) While naming conventions vary slightly by manufacturer (such as Finder, Phoenix Contact, or Dinkle), the code generally breaks down as follows: * **F2:** Series identifier (often referring to the slim-line interface series). * **TS:** Refers to the mounting type (Terminal Socket / DIN Rail). * **1Z:** Indicates the contact arrangement. "1" is the number of poles; "Z" is the code for a changeover contact (SPDT). * **R:** Usually indicates "Relay" included or "RoHS" compliance. --- ### 3. Key Internal Components An F2TS-1Z-R module consists of two main parts: 1. **The Relay (Plug-in):** A small electromagnetic switch. When voltage is applied to the coil, it creates a magnetic field that moves the internal contacts to open or close a circuit. 2. **The Socket (Base):** The terminal block housing that clips onto a DIN rail. It contains: * **Indication LED:** Shows the status of the input (On/Off). * **Protection Circuit:** Often includes a freewheeling diode (to prevent back-EMF) or a varistor. * **Ejector Lever:** For easy replacement of the relay without disconnecting wires. --- ### 4. Technical Electrical Ratings (Typical) *Note: Always verify with the specific manufacturer datasheet.* | Parameter | Value | | :--- | :--- | | **Rated Load (AC)** | 6A at 250V AC | | **Rated Load (DC)** | 6A at 30/24V DC | | **Input (Coil) Voltage** | 12V DC, 24V DC, or 230V AC (model dependent) | | **Mechanical Life** | > 10,000,000 cycles | | **Dielectric Strength** | ~4,000V (between coil and contacts) | --- ### 5. Application Use Cases * **PLC Interfacing:** Using a low-current PLC output to switch a larger motor or valve. * **Signal Isolation:** Protecting sensitive controllers from high-voltage surges in the field. * **Space Saving:** Ideal for dense control panels where traditional "ice cube" relays are too bulky.
    ✨ Follow-up Questions
    • ⤷ What is the input coil voltage for your specific F2TS-1Z-R model?
    • ⤷ How do I replace the plug-in relay without replacing the entire terminal base?
    • ⤷ What is the difference between a 1Z (SPDT) and a 1A (SPST) contact form?