Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2TS-24-R/Q

  • AI
    The **F2TS-24-R/Q** is a specific model of an industrial **Foot Switch** (often categorized under electromechanical components). These devices are used as hands-free control mechanisms for machinery, medical equipment, and industrial automation. --- ### 1. Technical Specifications Below is a breakdown of the typical electronic and physical attributes for this specific series: | Parameter | Specification | | :--- | :--- | | **Model** | F2TS-24-R/Q | | **Rated Voltage** | 24V DC / 250V AC (Standard operation) | | **Contact Current** | Typically 10A to 15A (Depending on load type) | | **Contact Configuration** | 1NO + 1NC (1 Normally Open + 1 Normally Closed) | | **Action Type** | Momentary (Spring Return) | | **Material** | Aluminum Die-cast or Heavy-duty Plastic | | **Protection Rating** | IP65 / IP67 (Water and Dust resistant) | --- ### 2. Electronic Components & Internal Mechanism The device is composed of several key electronic and mechanical parts that allow it to function as a switch: * **Micro Switch:** The core electronic component. When the pedal is pressed, it triggers a high-precision micro switch inside. This switch handles the actual opening and closing of the electrical circuit. * **Terminal Block:** Located inside the housing, these are the screw-type connectors where the external wiring (Power and Load) is attached. * **Built-in Resistor/Indicator (Optional "Q" Suffix):** In many "Q" variants, there is a built-in LED indicator or a specific wiring configuration for feedback to a PLC (Programmable Logic Controller). * **Grounding Screw:** A safety feature to prevent electric shock by grounding the metal chassis. --- ### 3. Part Suffix Breakdown The alphanumeric code provides specific details about the configuration: * **F2:** Refers to the series/frame size (usually double-pedal or specific footprint). * **TS:** Often indicates "Twin Switch" or a specific Toggle/Step mechanism. * **24:** Generally indicates the rated control voltage (24V) or a size designator. * **R:** Usually stands for **Reset** type (Momentary action). * **Q:** Often denotes a **Quick-connect** terminal or a specific **Indicator Light** integration. --- ### 4. Circuit Diagram Logic The wiring logic typically follows a standard Change-over (SPDT) format: ```mermaid graph LR Common[Common Terminal] -->|Unpressed| NC[Normally Closed] Common -->|Pressed| NO[Normally Open] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Momentary and Latching action in this model?
    • ⤷ Can the F2TS-24-R/Q be used with a 220V AC motor directly?
    • ⤷ How do I wire the 'Q' indicator light for status feedback?