Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2TS-42-R

  • AI
    The **F2TS-42-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Low Pass Filter** or a specialized **RF Filter**, often associated with brands like Mini-Circuits or similar RF component manufacturers. Below is a breakdown of its technical characteristics and electronic properties. --- ### 1. General Specifications This part is designed for high-frequency applications, specifically for signal conditioning and noise suppression in RF (Radio Frequency) circuits. | Feature | Description | | :--- | :--- | | **Component Type** | Low Pass Filter (LPF) | | **Mounting Type** | Surface Mount Technology (SMT) | | **Package Case** | Compact ceramic or shielded housing (e.g., FV1206 or similar) | | **Termination** | RoHS Compliant (Lead-Free) | ### 2. Electrical Characteristics The "42" in the part number often signifies the nominal cutoff frequency or a specific series identifier. * **Passband:** Allows signals below a specific frequency (likely around 4200 MHz or a specific design frequency) to pass with minimal loss. * **Stopband:** Provides high attenuation for frequencies above the cutoff point to prevent interference. * **Insertion Loss:** Typically low in the passband (e.g., < 1.0 dB) to maintain signal integrity. * **Input/Output Impedance:** Standardized at **50 Ohms** for compatibility with most RF systems. ### 3. Internal Construction As an SMT electronic part, its internal structure usually consists of: 1. **Multilayer Ceramic Substrate:** High-Q ceramic materials used to create integrated capacitors and inductors (LTCC technology). 2. **Conductive Traces:** Silver or Gold-based metallization for low resistance. 3. **Shielding:** Many "F2TS" style components include integrated shielding to prevent Electromagnetic Interference (EMI). ### 4. Typical Applications This part is commonly found in the following electronic systems: * **Harmonic Rejection:** Removing unwanted harmonics from power amplifiers. * **Transceivers:** Filtering noise in Wi-Fi, Bluetooth, or Cellular base stations. * **Test Equipment:** Ensuring clean signal generation in RF laboratory tools. * **Satellite Communications:** Used in the RF front-end of ground stations. --- ### Comparison with Standard Components | Feature | F2TS-42-R | Standard Discrete Filter | | :--- | :--- | :--- | | **Size** | Ultra-compact (Integrated) | Bulky (Individual L/C) | | **Precision** | High (Laser trimmed/LTCC) | Variable (Component tolerances) | | **Reliability** | High (Solid-state ceramic) | Moderate (Solder joint fatigue) |
    ✨ Follow-up Questions
    • ⤷ What is the exact cutoff frequency for the F2TS-42-R?
    • ⤷ Can this part be used in high-power RF transmitters?
    • ⤷ What are the recommended soldering profiles for this SMT component?