Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2TS-4B-R

  • AI
    ## Overview of the F2TS-4B-R The **F2TS-4B-R** is a specific electronic component typically categorized as a **Surface Mount (SMT) Tactile Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls to provide physical feedback to the user when a circuit is closed. --- ### Technical Specifications | Parameter | Details | | :--- | :--- | | **Component Type** | Tactile Switch (Push Button) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Actuation Force** | Typically 160gf to 250gf (varies by sub-series) | | **Contact Arrangement** | SPST (Single Pole Single Throw) | | **Switch Action** | Momentary (Normally Open) | | **Termination Style** | Gull-wing or J-bend leads | | **Operating Life** | ~100,000 to 500,000 cycles | --- ### Key Electronic Features 1. **Momentary Action**: The switch only completes the electrical circuit while it is being physically pressed. Once released, the internal spring mechanism returns the button to its "Off" position. 2. **Tactile Feedback**: It features a "snap" or "click" feel. This is achieved through a miniature metal dome inside the housing that collapses under pressure, signaling to the user that the switch has been triggered. 3. **Gold/Silver Plating**: The internal contacts are usually plated with silver or gold to ensure low contact resistance and prevent oxidation over long-term use. 4. **Compact Footprint**: Designed for high-density PCB layouts, the "4B" designation often refers to the specific package dimensions (typically around 4.5mm - 5mm range). --- ### Typical Pin Configuration Most tactile switches in this series follow a standard 4-pin layout for physical stability, though electrically they function as a 2-terminal device. ```json { "Pin_1_and_2": "Internally Connected (Terminal A)", "Pin_3_and_4": "Internally Connected (Terminal B)", "Operation": "Pressing the button bridges Terminal A and Terminal B" } ``` --- ### Common Applications * **Consumer Electronics**: Volume buttons on smartphones, power buttons on laptops. * **Automotive**: Steering wheel controls, dashboard interfaces. * **Peripherals**: Computer mice, mechanical keyboards, and remote controls. * **Industrial**: Reset buttons on microcontrollers or PLCs.
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions and footprint for the F2TS-4B-R on a PCB?
    • ⤷ Can this switch be used in high-temperature environments for lead-free soldering?
    • ⤷ What is the maximum current and voltage rating for this specific tactile switch?