Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2TS-51-R

  • AI
    The **F2TS-51-R** is a specific surface-mount (SMT) component, typically identified as a **Tactile Switch** or a micro-switch used in consumer electronics, automotive controls, and peripheral devices. --- ### 1. General Specifications The "F2TS" series generally refers to a standard tactile switch profile. Below are the common technical specifications associated with this part number: | Parameter | Typical Value | | :--- | :--- | | **Switch Type** | Tactile (Momentary) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Actuation Force** | 1.6N to 2.5N (160gf - 250gf) | | **Voltage Rating** | 12V DC (Typical) | | **Current Rating** | 50mA | | **Contact Resistance** | < 100mΩ | | **Operating Life** | 100,000 to 500,000 cycles | --- ### 2. Physical Construction The part is engineered to provide a physical "click" sensation (haptic feedback) to the user. * **Actuator:** Usually a small circular or square nub made of plastic or silicone. * **Cover:** A metal frame that secures the internal dome and protects against dust. * **Contact Dome:** A stainless steel or copper alloy disk that snaps down to complete the circuit when pressed. * **Terminals:** Leads designed for reflow soldering onto a Printed Circuit Board (PCB). --- ### 3. Pinout and Circuitry Most F2TS-51-R switches use a simple **SPST (Single Pole Single Throw)** configuration. In many SMT tactile switches, there are four leads, but they are internally connected in pairs. #### Typical Schematic Representation: ```text Terminal 1 ----+---- Terminal 2 (Internal Link) | [Switch] | Terminal 3 ----+---- Terminal 4 (Internal Link) ``` *When the button is pressed, the circuit between (1,2) and (3,4) is closed.* --- ### 4. Applications The F2TS-51-R is commonly found in: 1. **Consumer Electronics:** Volume buttons on smartphones, power buttons on tablets. 2. **Computing:** Mouse buttons or reset switches on motherboards. 3. **Automotive:** Steering wheel controls or dashboard interfaces. 4. **Industrial:** User interface panels for machinery. --- ### 5. Soldering Considerations Because this is an SMT component (Suffix "-R" often denotes **Tape and Reel** packaging for automated pick-and-place), it is designed for: * **Reflow Soldering:** Capable of withstanding temperatures around 260°C for short durations. * **Orientation:** Most packages are symmetrical, but the PCB footprint must match the lead spacing exactly to ensure a stable mechanical bond.
    ✨ Follow-up Questions
    • ⤷What is the exact footprint size for the F2TS-51-R PCB layout?
    • ⤷ Does this switch have an IP rating for water or dust resistance?
    • ⤷ Are there versions of this switch with different actuation forces?