Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • F2TS-5A-R/BL

  • AI
    ## Technical Overview: F2TS-5A-R/BL The **F2TS-5A-R/BL** is a specialized electronic component, typically categorized as a **Bi-Color LED Indicator** or a **Pushbutton Switch with LED illumination**, depending on the specific manufacturer's catalog (commonly associated with industrial control components). Based on the part number nomenclature, here is the breakdown of its electronic characteristics: ### 1. Component Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Illuminated Indicator / Switch | | **Current Rating** | 5 Amperes (denoted by "5A") | | **Color Configuration** | Red / Blue (R/BL) | | **Voltage Compatibility** | Typically 12V - 24V DC (Standard for F2TS series) | | **Mounting Style** | Panel Mount (Threaded) | --- ### 2. Key Electronic Features #### A. Bi-Color LED Integration The **R/BL** suffix indicates a dual-color LED setup. * **Red (R):** Often used to indicate a "Stop," "Fault," or "Power Off" state. * **Blue (BL):** Often used for "Ready," "Process Active," or "Status Normal" indications. * **Wiring:** These units usually feature a common cathode or common anode configuration to toggle between colors by changing the polarity or signal path. #### B. Switching Mechanism (If Pushbutton) If this model is configured as a switch: * **Contact Form:** Usually SPDT (Single Pole Double Throw) or DPDT. * **Action:** Momentary (spring return) or Latching (push-on/push-off). * **Rating:** The "5A" indicates it can handle a resistive load of up to 5 Amps at its rated voltage, making it suitable for direct control of small relays or logic circuits. #### C. Terminal Configuration Typically, the back of the unit will have 4 to 5 pins: 1. **Pin 1 & 2:** Main Switch Contacts. 2. **Pin 3 (+):** LED Positive (Red). 3. **Pin 4 (+):** LED Positive (Blue). 4. **Pin 5 (-):** Common Ground for LEDs. --- ### 3. Application Use Cases * **Industrial Control Panels:** Providing visual feedback on machine states. * **Custom Automotive/Marine Dashboards:** High-durability switching with status lighting. * **Medical Equipment:** High-visibility indicators for operational status. --- ### 4. Installation Safety ```markdown > [!CAUTION] > Always verify the specific voltage rating before applying power. > Applying 24V to a 5V or 12V rated LED will result in immediate component failure. ```
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage rating for the LED in the F2TS-5A-R/BL model?
    • ⤷ Is this specific part number a momentary or latching type switch?
    • ⤷ Can the Red and Blue LEDs be illuminated simultaneously to create a third color?